Electronic Components Datasheet Search
  English  ▼

X  

SST29SF040 Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

Part # SST29SF040
Description  4 Mbit (x8) Small-Sector Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29SF040 Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST29SF040 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST29SF040 Datasheet HTML 22Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22
Data Sheet
4 Mbit Small-Sector Flash
SST29SF040 / SST29VF040
©2004 Silicon Storage Technology, Inc.
S71160-10-000
2/04
TABLE 12: REVISION HISTORY
Number
Description
Date
05
•
2002 Data Book
May 2002
06
•
Removed 512 Kbit, 1 Mbit, and 2 Mbit parts
•
Commercial temperature and 70 ns parts removed
•
PH package is no longer offered
•
Part number changes - see page 20 for additional information
•
Changes to Tables 5 and 6 on page 7 and page 8:
– Clarified Test Conditions for Power Supply Current and Read parameters
– Clarified IDD Write to be Program and Erase
– Corrected IDD Program and Erase from 20 mA to 30 mA
– Corrected IDD Read from 20 mA to 25 mA
•
Clarified measurement reference points VIT and VOT to be 1.5V instead of 1.5VDD
•
Corrected the VOL test condition IOL to be 2.1 mA instead of 2.1 µA in Table 5 on page 7
Mar 2003
07
•
Corrected the Test Conditions for the Read Parameter in Table 5 on page 7
Apr 2003
08
•
Added Commercial temperatures for all packages (See page 20 for details)
Aug 2003
09
•
2004 Data Book
•
Changed status to “Data Sheet”
Dec 2003
10
•
Added 70 ns technical data and MPNs for SST29VF040 only
Feb 2004
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com