Electronic Components Datasheet Search
  English  ▼

X  

TIM-LC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TIM-LC
Description  GPS Receiver Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIM-LC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TIM-LC Datasheet HTML 7Page - List of Unclassifed Manufacturers TIM-LC Datasheet HTML 8Page - List of Unclassifed Manufacturers TIM-LC Datasheet HTML 9Page - List of Unclassifed Manufacturers TIM-LC Datasheet HTML 10Page - List of Unclassifed Manufacturers TIM-LC Datasheet HTML 11Page - List of Unclassifed Manufacturers TIM-LC Datasheet HTML 12Page - List of Unclassifed Manufacturers TIM-LC Datasheet HTML 13Page - List of Unclassifed Manufacturers TIM-LC Datasheet HTML 14Page - List of Unclassifed Manufacturers TIM-LC Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
!
TIM-LC!-!Data!Sheet!!
Electrical!Specification!
GPS.G3-MS3-03019-D!!
Page 13!
your position is our focus
!
Parameter
11
Symbol
Condition
Min
Typ
Max
Units
1.8V Digital I/Os and RESET_N
Input!pin!voltage!range!
Vin18!!
0V!!
Vdd18out!
V!
Input!pin!low!voltage!
Vin_low18!!
!
!
0.45!
V!
Input!pin!high!voltage!
Vin_high18!!
1.4!!
!
V!
Input!pin!voltage!range!
Vout18!!
0V!!
Vdd18out!
V!
Output!pin!low!voltage!
Vout_low18!
Iout!<!0.3!mA!
(sink)!
!!
0.1!
V!
Output!pin!high!voltage!
Vout_high18!
Iout!<!0.3!mA!
(source)!
1.55!!
!
V!
Output!pin!current!at!low!voltage!
Iout_low18!
Vout_low18!
=!0.28!V!
!!
2!
mA!
Output!pin!current!at!high!voltage!
Iout_high18!
Vout_high18!
=!1.35!V!
!!
2!
mA!
Input!leakage!current!
Iin_leak18!!
!
!
1!
µA!
TxD1, TxD2 Pins
Output!Pin!voltage!range!
VoutT!!
0V!!
Vcc!
V!
Vout_lowT!
Iout!<!100µA!
(sink)!
!!
0.1!
V!
Output!pin!low!voltage!
Vout_lowT!
Iout!<!16mA!
(sink)!
!!
0.4!
V!
Vout_highT!
Iout!<!10µA!
(source)!
Vcc!-!0.2!!
!
V!
Output!pin!high!voltage!
Vout_highT!
Iout!<!40µA!
(source)!
Vcc!-!0.5!!
!
V!
Output!pin!current!at!low!voltage!
Iout_lowT!
Vout_lowT!
=!0.24!V!
!!
4!
mA!
Output!pin!current!at!high!voltage!
Iout_highT!
Vout_highT!
=!Vcc-0.5!V!
!!
40!
µA!
RxD1, RxD2 Pins
Input!Pin!voltage!range!
VinR!!
0!!
5.5!
V!
Input!pin!low!voltage!
Vin_lowR!!
!
!
0.4!
V!
Input!pin!high!voltage!
Vin_highR!!
1.5!
Vcc!!
V!
BOOT_INT Pin
Input!Pin!voltage!range!
VinB!!
0!!
Vcc!
V!
Input!pin!low!voltage!
Vin_lowB!!
!
!
0.4!
V!
Input!pin!high!voltage!
Vin_highB!!
2.7!
Vcc!!
V!
RF input
Input!power!
Prfin!!
!
!
-46!
dBm!
V_ANT!antenna!bias!voltage!
(must!connect!to!ground!if!not!used)
!
Vant!
!
1.8!!
8!
V!
Antenna!bias!voltage!drop!
Vant_drop!
Iant=10mA!!
!
50!
mV!
VCC_RF!voltage!
Vccrf!!
!
Vcc!–!0.1!!
V!
Environment
Operating!temperature!
Topr!!
-40!!
85!
°C!
Table 10: Operating Conditions (continued)
Operation! beyond! the! "Operating! Conditions"! is! not! recommended! and! extended! exposure! beyond! the!
"Operating!Conditions"!may!affect!device!reliability.!
!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!
11!All!specification!are!at!an!ambient!temperature!of!25°C.!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com