Electronic Components Datasheet Search
  English  ▼

X  

HV583 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV583
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV583 Datasheet(HTML) 2 Page - Supertex, Inc

  HV583 Datasheet HTML 1Page - Supertex, Inc HV583 Datasheet HTML 2Page - Supertex, Inc HV583 Datasheet HTML 3Page - Supertex, Inc HV583 Datasheet HTML 4Page - Supertex, Inc HV583 Datasheet HTML 5Page - Supertex, Inc HV583 Datasheet HTML 6Page - Supertex, Inc HV583 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV583
Absolute Maximum Ratings*
V
PP, High voltage supply
-0.5V to +90V
V
DD, Logic supply voltage
-0.5V to +7.0V
I
OUT, Output source and sink current
-65mA to +40mA
I
DIODE, Output body diode current
-65mA to +65mA
Logic input voltages
-0.5V to V
DD+0.5V
Tj, Junction temperature
-25°C to +150°C
Storage temperature
-40°C to +150°C
*All voltages are referenced to device ground. Absolute maximum ratings are those values
which damage to the device may occur. Functional operation under these conditions is not
implied. Continous operation of the device at the absolute rating level may affect device
reliability.
Notes:
Power-up sequence should be the following:
1. Connect ground.
2. Apply V
DD.
3. Set all inputs (Data, CLK, etc.) to a known state.
4. Apply V
PP.
Power-down sequence should be the reverse of the above.
Ordering Information
Device
Die
HV583
80V
HV583X
Package Options
Recommended
Operating V
PP Max
Electrical Characteristics
DC Characteristics (Tj = 25°C, V
DD = 5V, VPP = 80V)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
I
PPQ
V
PP quiescent supply current
10
µA
I
DDQ
V
DD quiescent supply current
10
µA
HV
OH
High level output voltage
73
76
V
I
OUT = 30mA, VPP = 80V
10
I
OUT = 10mA, VPP = 20V
HV
OHD
Output p-channel body diode
81.5
V
I
OUT = -30mA, VPP =80V
HV
OL
Low level output voltage
3.0
6.0
V
I
OUT = -30mA
HV
OLD
Output n-channel body diode
-1.5
V
I
OUT = +30mA
V
IH
Logic input high voltage
2.0
V
DD
VV
DD = 4.5V to 5.5V
V
IL
Logic input low voltage
0
0.8
V
V
DD = 4.5V to 5.5V
I
IH
Logic input high current
1.0
µA
V
IH = 5.3V, VDD = 5.0V
10
30
50
µA
V
IH = 5.0V, For DIR only
I
IL
Logic input low current
-1.0
µA
V
IL = -0.3V
V
OH
Logic output high
4.5V
V
I
OUT = 1.0mA
V
OL
Logic output low
0.5V
V
I
OUT = -1.0mA
Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
PP
High voltage supply
15
80
V
Cload = 300pF
V
DD
Low voltage supply
4.5
5.0
5.5
V
I
OUT
HVout peak output current
-30
30
mA
SR
V
PP power supply slew rate
8.0
V/µs
f
CLK
Clock frequency
40
MHz
Data read
25
MHz
Cascade connection
Tj
Operating junction temperature
-25
+125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com