Electronic Components Datasheet Search
  English  ▼

X  

ACS712 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS712
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS712 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS712 Datasheet HTML 1Page - Allegro MicroSystems ACS712 Datasheet HTML 2Page - Allegro MicroSystems ACS712 Datasheet HTML 3Page - Allegro MicroSystems ACS712 Datasheet HTML 4Page - Allegro MicroSystems ACS712 Datasheet HTML 5Page - Allegro MicroSystems ACS712 Datasheet HTML 6Page - Allegro MicroSystems ACS712 Datasheet HTML 7Page - Allegro MicroSystems ACS712 Datasheet HTML 8Page - Allegro MicroSystems ACS712 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor with
2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
COMMON OPERATING CHARACTERISTICS1 over full range of T
A, CF = 1 nF, and VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
4.5
5.0
5.5
V
Supply Current
ICC
VCC = 5.0 V, output open
–
10
13
mA
Output Capacitance Load
CLOAD
VIOUT to GND
–
–
10
nF
Output Resistive Load
RLOAD
VIOUT to GND
4.7
–
–
kΩ
Primary Conductor Resistance
RPRIMARY TA = 25°C
–
1.2
–
mΩ
Rise Time
tr
IP = IP(max), TA = 25°C, COUT = open
–
5
–
μs
Frequency Bandwidth
f
–3 dB, TA = 25°C; IP is 10 A peak-to-peak
–
80
–
kHz
Nonlinearity
ELIN
Over full range of IP
–
1.5
–
%
Symmetry
ESYM
Over full range of IP
98
100
102
%
Zero Current Output Voltage
VIOUT(Q)
Bidirectional; IP = 0 A, TA = 25°C
–
VCC ×
0.5
–V
Power-On Time
tPO
Output reaches 90% of steady-state level, TJ=25°C, 20 A present
on leadframe
–35
–
μs
Magnetic Coupling2
–
12
–
G/A
Internal Filter Resistance3
RF(INT)
1.7
kΩ
1Device may be operated at higher primary current levels, IP, and ambient, TA, and internal leadframe temperatures, TA, provided that the Maximum
Junction Temperature, TJ(max), is not exceeded.
21G = 0.1 mT.
3RF(INT) forms an RC circuit via the FILTER pin.
COMMON THERMAL CHARACTERISTICS1
Min.
Typ.
Max.
Units
Operating Internal Leadframe Temperature
TA
E range
–40
–
85
°C
Value
Units
Junction-to-Lead Thermal Resistance2
RθJL Mounted on the Allegro ASEK 712 evaluation board
5
°C/W
Junction-to-Ambient Thermal Resistance
RθJA
Mounted on the Allegro 85-0322 evaluation board, includes the power con-
sumed by the board
23
°C/W
1Additional thermal information is available on the Allegro website.
2The Allegro evaluation board has 1500 mm2 of 2 oz. copper on each side, connected to pins 1 and 2, and to pins 3 and 4, with thermal vias connect-
ing the layers. Performance values include the power consumed by the PCB. Further details on the board are available from the Frequently Asked
Questions document on our website. Further information about board design and thermal performance also can be found in the Applications Informa-
tion section of this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com