Electronic Components Datasheet Search
  English  ▼

X  

HV825LG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV825LG-G
Description  High Voltage EL Lamp Driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV825LG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV825LG-G Datasheet HTML 1Page - Supertex, Inc HV825LG-G Datasheet HTML 2Page - Supertex, Inc HV825LG-G Datasheet HTML 3Page - Supertex, Inc HV825LG-G Datasheet HTML 4Page - Supertex, Inc HV825LG-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
HV825
Device
Package Options
8-Lead SO
8-Lead MSOP
HV825
HV825LG
HV825LG-G
HV825MG
HV825MG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
0.5V to +2.5V
Operating Temperature Range
-25°C to +85°C
Storage Temperature Range
-65°C to +150°C
MSOP-8 Power Dissipation
300mW
SO-8 Power Dissipation
400mW
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified - T
A=25°C)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
R
DS(ON)
On-resistance of switching transistor
-
-
15
Ω
I = 50mA
I
IN
V
DD supply current (including inductor
current)
-30
38
mA
V
DD=1.5V. See test circuit
I
DDQ
Quiescent V
DD supply current
-
-
1.0
μA
R
SW-osc = GND
V
CS
Output voltage on V
CS
52
56
68
V
V
DD = 1.5V. See test circuit
V
A-B
Differential output voltage across
lamp
104
112
136
V
V
DD = 1.5V. See test circuit
f
EL
V
A-B output drive frequency
400
-
-
Hz
V
DD = 1.5V. See test circuit
f
SW
Switching transistor frequency
-
30
-
KHz
V
DD = 1.5V. See test circuit
D
Switching transistor duty cycle
-
88
-
%
---
Recommended Operating Conditions
V
DD
Supply voltage
1.0
-
1.6
V
---
C
L
Load Capacitance
0
6.0
-
nF
---
T
A
Operating temperature
-25
-
+85
OC
---
Enable/Disable Table
V
IL
Low level input voltage to R
SW-osc
resistor
0
-
0.2
V
V
DD = 1.0V-1.6V
V
IH
High level input voltage to R
SW-osc re-
sistor
V
DD-0.5
-
V
DD
VV
DD = 1.0V-1.6V
Pin Configuration
LX
CS
RSW-Osc
VDD
REL-Osc
VA
VB
GND
1
2
3
4
5
6
7
8
HV825
(top view)
Ordering Information



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com