Electronic Components Datasheet Search
  English  ▼

X  

GC30 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # GC30
Description  GC30 Differential Pressure Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

GC30 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  GC30 Datasheet HTML 1Page - Ashcroft, Inc. GC30 Datasheet HTML 2Page - Ashcroft, Inc. GC30 Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
of 3
2
GC30 Differential Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. GC-30_transducer_ds_RevB_12-06-22
ashcroft.com
| 1.800.328.8258 | Contact Us
PHYSICAL SPECIFICATIONS
Pressure Connection
Size:
4 mm barb
Environmental
Rating:
IP40
Weight:
Approx. 75 grams
Mounting:
Panel mounting bracket included
Electrical
Connection:
6´ cable pigtail
WETTED MATERIAL
Media
Clean, dry air/gas compatible with Aluminum, Titanium,
ABS, Ceramic, Silicon & Silicone RTV.
NOT FOR USE ON LIQUIDS
NON-WETTED
Enclosure
ABS, polycarbonate, aluminum
ORDERING CODE
Example:
GC30
9
M5B
1N
F4
P25IWL – XRH
Model
GC30 - Ultra-compact digital differential pressure sensor
GC30
Accuracy
9 - ±1.5% of span
9
Pressure Connection
M5B - 4mm ID Barb
M5B
Output Signal
1N - 1-5 Vdc: Analog w/2X NPN Type switches
1N
1P - 1-5 Vdc: Analog w/2X PNP Type switches
Electrical Connection
F4 - 6´ (2m) cable
F4
Pressure Range
Bidirectional
P25IWL - ±0.25 IWC
P25IWL
P5IWL - ±0.5 IWC
1IWL - ±1.0 IWC
2P5IWL - ±2.5 IWC
5IWL - ±5 IWC
10IWL - ±10 IWC
25IWL - ±25 IWC
Differential
P25IW - 0.25 IWC
P5IW - 0.5 IWC
1IW - 1.0 IWC
2P5IW - 2.5 IWC
5IW - 5 IWC
10IW - 10 IWC
25IW - 25 IWC
Option (if including an option(s) must include an “X’’)
X__
RH - Traceable calibration certificate
RH
Featuring a highly reliable variable capacitance sensor
using the patented Ashcroft® Si-Glass® sensor. This
ultra-thin single crystal diaphragm provides inherent
sensor repeatability and stability.
SENSOR CROSS SECTION
The silicon diaphragm sensor has no glues
or other organics to contribute to drift or
mechanical degradation over time.
SENSOR CROSS SECTION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com