Electronic Components Datasheet Search
  English  ▼

X  

HV857 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV857
Description  Low Noise, High Voltage EL Lamp Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857 Datasheet(HTML) 2 Page - Supertex, Inc

  HV857 Datasheet HTML 1Page - Supertex, Inc HV857 Datasheet HTML 2Page - Supertex, Inc HV857 Datasheet HTML 3Page - Supertex, Inc HV857 Datasheet HTML 4Page - Supertex, Inc HV857 Datasheet HTML 5Page - Supertex, Inc HV857 Datasheet HTML 6Page - Supertex, Inc HV857 Datasheet HTML 7Page - Supertex, Inc HV857 Datasheet HTML 8Page - Supertex, Inc HV857 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HV857
Device
Package Options
8-Lead DFN (K7)
8-Lead MSOP (MG)
HV857
HV857K7-G
HV857MG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Supply Voltage, V
DD
-0.5V to 6.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
DFN-8 Power Dissipation
1.6W
MSOP-8 Power Dissipation
300mW
Output voltage, V
CS
-0.5 to +120V
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
Pin Configuration
1
2
3
4
8
7
6
5
HV857MG
MSOP-8
Pads are at the bottom of the package
Exposed center pad is at ground potential
Top View
DFN-8
1
2
3
4
8
7
6
5
HV857K7
VDD
RSW-Osc
VB
REL-Osc
GND
VA
LX
CS
VDD
RSW-Osc
REL-Osc
GND
VB
VA
LX
CS
Thermal Resistance
Package
θ
ja
DFN-8
60OC/W
MSOP-8
330OC/W
Mounted on FR4 board, 25mm x 25mm x 1.57mm
Symbol
Parameter
Min
Typ
Max
Units
Conditions
V
DD
Supply voltage
1.8
-
5.0
V
---
f
EL
Operating drive frequency
-
-
1
kHz
---
T
A
Operating temperature
-40
-
+85
OC
---
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
Conditions
EN-L
Logic input low voltage
0
-
0.2
V
V
DD = 1.8V to 5.0V
EN-H
Logic input high voltage
V
DD - 0.2
-
V
DD
VV
DD = 1.8V to 5.0V
Enable/Disable Function Table
Ordering Information
Symbol
Parameter
Min
Typ
Max
Units
Conditions
R
DS(ON)
On-resistance of switching transistor
-
-
6.0
Ω
I = 100mA
V
CS
Max. output regulation voltage
85
95
105
V
V
DD=1.8V to 5.0V
V
A – VB
Peak to Peak output voltage
170
190
210
V
V
DD=1.8V to 5.0V
I
DDQ
Quiescent V
DD supply current
-
-
150
nA
R
SW-Osc = Low
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified, T
A=25°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com