Electronic Components Datasheet Search
  English  ▼

X  

CDBW140-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBW140-HF
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW140-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBW140-HF Datasheet HTML 1Page - Comchip Technology CDBW140-HF Datasheet HTML 2Page - Comchip Technology CDBW140-HF Datasheet HTML 3Page - Comchip Technology CDBW140-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C, unless otherwise noted)
SMD Schottky Barrier Diodes
Rating and Characteristic Curves (CDBW120-HF Thru. CDBW140-HF)
Parameter
Unit
Symbol
VF
VR
IR
Cj
0.450
20
0.550
1
30
120
0.600
40
V
V
mA
pF
Maximum forward voltage
Maximum reverse breakdown voltage
Maximum reverse current
Type junction capacitance
CDBW120-HF
CDBW130-HF
CDBW140-HF
Conditions
IF = 1.0A
IF = 3.0A
0.750
0.875
0.900
IR = 1mA
VR = 20V
CDBW120
VR = 30V
CDBW130
VR = 40V
CDBW140
VR = 4V, f =1MHz
1
10
0.01
1E-3
Reverse Voltage, VR (V)
Fig.2 - Reverse Characteristics
0
10
20
40
30
Ta=100°C
Ta=25°C
0.1
1
10
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
1.2
0.4
0.8
2.0
Ta=25°C
1.6
0.1
100
75
125
Ambient Temperature, Ta (°C)
Fig.4 - Power Derating Curve
25
50
100
150
200
300
400
500
600
0
0
10
100
1000
Fig.3 - Capacitance Characteristics
0.1
10
1
20
Reverse Voltage, VR (V)
Ta = 25°C
f = 1MHz
Comchip Technology CO., LTD.
QW-JB086
Page 2
REV:C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com