Electronic Components Datasheet Search
  English  ▼

X  

M58PR256LE96ZB5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 1 Page - STMicroelectronics

  M58PR256LE96ZB5 Datasheet HTML 1Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 2Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 3Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 4Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 5Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 6Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 7Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 8Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
September 2007
Rev 2
1/119
1
M58PR256LE
M58PR512LE M58PR001LE
256-Mbit, 512-Mbit or 1-Gbit (× 16, multiple bank, multilevel, burst)
1.8 V supply Flash memories
Features
■
Supply voltage
–VDD = 1.7 V to 2.0 V for program, erase
and read
–VDDQ = 1.7 V to 2.0 V for I/O buffers
–VPP = 9 V for fast program
■
Synchronous/asynchronous read
– Synchronous burst read mode:
108 MHz, 66 MHz
– Asynchronous page read mode
– Random access: 96 ns
■
Programming time
– 4.2 µs typical word program time using
Buffer Enhanced Factory Program
command
■
Memory organization
– Multiple bank memory array:
32 Mbit banks (256 Mb devices)
64 Mbit banks (512 Mb devices)
128 Mbit banks (1 Gb devices)
– Four EFA (extended flash array) blocks of
64 Kbits
■
Dual operations
– Program/erase in one bank while read in
others
– No delay between read and write
operations
■
Block locking
– All blocks locked at power-up
– Any combination of blocks can be locked
with zero latency
–WP for block lock-down
– Absolute Write protection with VPP = VSS
■
Security
– 64 bit unique device number
– 2112 bit user programmable OTP cells
■
CFI (common Flash interface)
■
100 000 program/erase cycles per block
■
Electronic signature
– Manufacturer code: 20h
– 256 Mbit device: 8818
– 512 Mbit device: 8819
– 1 Gbit device: 880F
The M58PRxxxLE memories are only available as part of a multichip package device.
Wafer
www.st.com


Similar Part No. - M58PR256LE96ZB5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
21-Dec-2006
M58PR256JE96ZB5E STMICROELECTRONICS-M58PR256JE96ZB5E Datasheet
842Kb / 114P
256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
21-Dec-2006
M58PR256JE96ZB5F STMICROELECTRONICS-M58PR256JE96ZB5F Datasheet
842Kb / 114P
256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
21-Dec-2006
More results

Similar Description - M58PR256LE96ZB5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
26-Feb-2007
M58LT128HST STMICROELECTRONICS-M58LT128HST Datasheet
816Kb / 110P
128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
02-Mar-2007
M58LT256JST STMICROELECTRONICS-M58LT256JST Datasheet
836Kb / 106P
256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
27-Jun-2007
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
21-Dec-2006
logo
Numonyx B.V
M36P0R8070E0 NUMONYX-M36P0R8070E0 Datasheet
638Kb / 22P
256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LT128HST NUMONYX-M58LT128HST Datasheet
1Mb / 110P
128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58LT256JST NUMONYX-M58LT256JST Datasheet
1Mb / 108P
256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
M58PR512LE NUMONYX-M58PR512LE Datasheet
2Mb / 123P
512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com