Electronic Components Datasheet Search
  English  ▼

X  

ISO6740 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6740
Description  ISO674x-Q1 Automotive, General-Purpose, Reinforced, Quad-Channel Digital Isolators With Robust EMC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6740 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO6740 Datasheet HTML 24Page - Texas Instruments ISO6740 Datasheet HTML 25Page - Texas Instruments ISO6740 Datasheet HTML 26Page - Texas Instruments ISO6740 Datasheet HTML 27Page - Texas Instruments ISO6740 Datasheet HTML 28Page - Texas Instruments ISO6740 Datasheet HTML 29Page - Texas Instruments ISO6740 Datasheet HTML 30Page - Texas Instruments ISO6740 Datasheet HTML 31Page - Texas Instruments ISO6740 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
7 Detailed Description
7.1 Overview
The ISO674x-Q1 family of devices have an ON-OFF keying (OOK) modulation scheme to transmit the digital
data across a silicon dioxide based isolation barrier. The transmitter sends a high frequency carrier across
the barrier to represent one digital state and sends no signal to represent the other digital state. The receiver
demodulates the signal after advanced signal conditioning and produces the output through a buffer stage. If the
ENx pin is low then the output goes to high impedance. The ISO674x-Q1 devices also incorporate advanced
circuit techniques to maximize the CMTI performance and minimize the radiated emissions due to the high
frequency carrier and IO buffer switching. The conceptual block diagram of a digital capacitive isolator, Figure
7-1, shows a functional block diagram of a typical channel.
7.2 Functional Block Diagram
TX IN
Oscillator
OOK
Modulation
Transmitter
Emissions
Reduction
Techniques
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
EN
RX OUT
SiO2 based
Capacitive
Isolation
Barrier
Copyright © 2016, Texas Instruments Incorporated
Figure 7-1. Conceptual Block Diagram of a Digital Capacitive Isolator
Figure 7-2 shows a conceptual detail of how the ON-OFF keying scheme works.
TX IN
RX OUT
Carrier signal through
isolation barrier
Figure 7-2. On-Off Keying (OOK) Based Modulation Scheme
ISO6740-Q1, ISO6741-Q1, ISO6742-Q1
SLLSFG4F – DECEMBER 2019 – REVISED JUNE 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO6740-Q1 ISO6741-Q1 ISO6742-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com