Electronic Components Datasheet Search
  English  ▼

X  

SC104IMLTR Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC104IMLTR
Description  Micro Power Constant-Current DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC104IMLTR Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC104IMLTR Datasheet HTML 3Page - Semtech Corporation SC104IMLTR Datasheet HTML 4Page - Semtech Corporation SC104IMLTR Datasheet HTML 5Page - Semtech Corporation SC104IMLTR Datasheet HTML 6Page - Semtech Corporation SC104IMLTR Datasheet HTML 7Page - Semtech Corporation SC104IMLTR Datasheet HTML 8Page - Semtech Corporation SC104IMLTR Datasheet HTML 9Page - Semtech Corporation SC104IMLTR Datasheet HTML 10Page - Semtech Corporation SC104IMLTR Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
 2005 Semtech Corp.
www.semtech.com
SC104
POWER MANAGEMENT
Step 3: (Cont.)
Using our 6 LED example:
L
(D) = 12µH
thus I
LIM(D) = 412mA
Step 4: Calculating the Current Limit Resistor for
Discontinuous Mode
The current limit resistor value is calculated based upon
the minimum ratio of the switch current to the current out
of the LIM pin. It also takes into account the fact that
there is a propagation delay during which time the
inductor current ramps beyond the current limit trip point.
Since I
LIM increases as RLIM decreases, this value is a
maximum. The maximum current limit resistor, R
LIM(D), for
discontinuous mode is therefore:
()
−
•
−
•
=
)
D
(
)
SAT
(
CE
IN
plh
)
D
(
LIM
)
MIN
(
)
MIN
(
LIM
)
D
(
LIM
L
V
V
t
I
Ratio
V
R
Where:
V
LIM(MIN) = the minimum value of the current limit voltage
reference = 385mV
Ratio
(MIN) = the minimum value of the ILX to ILIM ratio
= 7100 A/A
t
plh = propagation delay from reaching the current limit
trip point to the power switch turning off = 200ns
Using our 6 LED example:
I
LIM(D) = 412mA
thus R
LIM(D) = 7.5kΩ
Selecting this value or the next lower standard value in
this case gives us 7.5k
Ω. Of course a lower value resistor
may be used if desired, but may not necessarily be the
most efficient choice.
Step 5: Calculating the Current Set Resistor
The current set resistor is in series with the series LED
string. Thus the voltage developed across it is proportional
to the current flowing through the LEDs. The device will
regulate this voltage so that its average value equals the
feedback voltage, V
FB, which is typically 350mV. Thus the
current set resistor value is given by the following
Applications Information (Cont.)
equation:
OUT
FB
SET
I
V
R
=
Using our 6 LED example:
I
OUT = 15mA
thus R
SET = 23.3Ω
We will select the 1% resistor value 23.2
Ω.
Note: this calculation is applicable to both continuous and
discontinuous modes.
Step 6: Calculating the Inductor for Continuous Mode
Having determined that we need to be operating in
continuous mode, we next need to calculate the
maximum inductor value allowed that will permit the part
to output the correct power. The maximum continuous
inductor value, L
(C) is given by:
()
OUT
OUT
IN
f
OUT
)
MIN
(
OFF
IN
)
C
(
I
V
4
.
1
V
V
V
t
V
2
L
•
•
−
+
•
•
•
=
Where:
I
OUT = required output current
t
OFF(MIN) = minimum switch off-time = 0.6µs
Selecting the next lower standard value gives us a safe
value for this inductor.
Step 7: Calculating the Current Limit Required with this
Inductor for Continuous Mode
Having determined the inductor value we are going to
use, we next need to calculate the current limit required
to meet the necessary output power. The continuous
mode current limit, I
LIM(C), is given by:
()
)
C
(
)
MIN
(
OFF
IN
f
OUT
)
C
(
LIM
L
4
.
0
t
V
V
V
I
•
•
−
+
=
Step 8: Calculating the Current Limit Resistor for
Continuous Mode
The current limit resistor value is calculated based upon
the minimum ratio of the switch current to the current
out of the LIM pin. It also takes into account the fact
that there is a propagation delay during which time the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com