Electronic Components Datasheet Search
  English  ▼

X  

SC1470ITSTR Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC1470ITSTR
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470ITSTR Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC1470ITSTR Datasheet HTML 8Page - Semtech Corporation SC1470ITSTR Datasheet HTML 9Page - Semtech Corporation SC1470ITSTR Datasheet HTML 10Page - Semtech Corporation SC1470ITSTR Datasheet HTML 11Page - Semtech Corporation SC1470ITSTR Datasheet HTML 12Page - Semtech Corporation SC1470ITSTR Datasheet HTML 13Page - Semtech Corporation SC1470ITSTR Datasheet HTML 14Page - Semtech Corporation SC1470ITSTR Datasheet HTML 15Page - Semtech Corporation SC1470ITSTR Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
SW
OUT
)
MIN
(
ESR
f
C
2
3
R
•
•
π
•
=
This criteria should be checked once the output
capacitance has been determined.
Now that we know the output ESR we can calculate the
output ripple voltage:
P
P
)
MAX
(
VBAT
_
RIPPLE
ESR
)
MAX
(
VBAT
_
RIPPLE
V
I
R
V
−
•
=
and
P
P
)
MIN
(
VBAT
_
RIPPLE
ESR
)
MIN
(
VBAT
_
RIPPLE
V
I
R
V
−
•
=
For our example:
V
RIPPLE_VBAT(MAX) = 27mVP-P and VRIPPLE_VBAT(MIN) = 22mVP-P
Note that in order for the device to regulate in a
controlled manner, the ripple content at the feedback
pin, V
FB, should be approximately 15mVP-P at minimum
V
BAT, and wo rst case no smaller than 10mVP-P. If
V
RIPPLE_VBAT(MIN) is less than 15mVP-P the above component
values should be revisited in order to improve this. Quite
often a small capacitor, C
TOP, is required in parallel with
the top feedback resistor, R
TOP, in order to ensure that
V
FB is large enough. CTOP should not be greater than
100pF. The value of C
TOP can be calculated as follows,
where R
BOT is the bottom feedback resistor. Firstly
calculating the value of Z
TOP required:
()Ohms
015
.
0
V
015
.
0
R
Z
)
MIN
(
VBAT
_
RIPPLE
BOT
TOP
−
•
=
Secondly calculating the value of C
TOP required to achieve
this:
F
f
2
R
1
Z
1
C
)
MIN
(
VBAT
_
SW
TOP
TOP
TOP
•
π
•


−
=
For our example we will use R
TOP = 20.0k Ω and
R
BOT = 14.3kΩ, therefore:
Z
TOP = 6.67kΩ and CTOP = 60pF
We will select a value of C
TOP = 56pF. Calculating the
value of V
FB based upon the selected CTOP:
P
P
TOP
)
MIN
(
VBAT
_
SW
TOP
BOT
BOT
)
MIN
(
VBAT
_
RIPPLE
)
MIN
(
VBAT
_
FB
V
C
f
2
R
1
1
R
R
V
V
−
•
•
π
•
+
+
•
=
For our example:
V
FB_VBAT(MIN) = 14.8mVP-P - good
Next we need to calculate the minimum output
capacitance required to ensure that the output voltage
does not exceed the transient maximum limit, POSLIM
TR,
starting from the actual static maximum, V
OUT_ST_POS, when
a load release occurs:
V
ERR
V
V
DC
OUT
POS
_
ST
_
OUT
+
=
For our example:
V
OUT_ST_POS = 1.224V
V
TOL
V
POSLIM
TR
OUT
TR
•
=
Where TOL
TR is the transient tolerance. For our example:
POSLIM
TR = 1.296V
The minimum output capacitance is calculated as
follows:
()F
V
POSLIM
2
I
I
L
C
2
POS
_
ST
_
OUT
2
TR
2
)
MAX
(
VBAT
_
RIPPLE
OUT
)
MIN
(
OUT
−


+
•
=
This calculation assumes the absolute worst case
condition of a full-load to no load step transient occurring
when the inductor current is at its highest. The
capacitance required for smaller transient steps my be
calculated by substituting the desired current for the I
OUT
term.
For our example:
C
OUT(MIN) = 610µF.
We will select 440µF, using two 220µF, 25m
Ω
capacitors in parallel. For smaller load release overshoot,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com