Electronic Components Datasheet Search
  English  ▼

X  

SC1470ITSTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1470ITSTRT
Description  Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1470ITSTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1470ITSTRT Datasheet HTML 2Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 3Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 4Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 5Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 6Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 7Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 8Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 9Page - Semtech Corporation SC1470ITSTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
 2005 Semtech Corp.
www.semtech.com
SC1470
POWER MANAGEMENT
Block Diagram
Figure 1 - SC1470 Block Diagram
tplhDL
tplhDH
LX
DL
DL
DH
Shoot-Through Delay Timing Diagram
+
-
CONTROL
POR / SS
LOGIC
OT
TON
TOFF
ON
OFF
1.5V REF
PWM
ZERO I
OC
X3
ISENSE
MONITOR
FAULT
OV
UV
REF + 10%
REF - 10%
REF - 30%
VCCA (4)
BST (14)
DH (13)
LX (12)
ILIM (11)
VDDP (10)
DL (9)
PGND (8)
VSSA (7)
PGD (6)
FB (5)
VOUT (3)
TON (2)
EN/SPV (1)
HI
LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com