Electronic Components Datasheet Search
  English  ▼

X  

CDSP400-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSP400-HF
Description  SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSP400-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDSP400-HF Datasheet HTML 1Page - Comchip Technology CDSP400-HF Datasheet HTML 2Page - Comchip Technology CDSP400-HF Datasheet HTML 3Page - Comchip Technology CDSP400-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDSP400-HF
SMD Switching Diodes
QW-J0025
Page 1
REV:A
Electrical Characteristics (at TA=25°C unless otherwise noted)
RoHS Device
Symbol
Parameter
Conditions
Min.
Max.
Unit
V
Typ.
IF=100mA
VF
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
VR=0.5V, f=1MHz
VR=6V, IF=10mA,
RL=100Ω
IR
CT
trr
4
3.0
μA
pF
nS
VR=80V
0.1
1.2
Circuit Diagram
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Halogen Free
Maximum Ratings (at TA=25°C unless otherwise noted)
Parameter
Average rectified output current
Forward continuous current
VRM
VR
IO
IFSM
IFM
Symbol
Value
90
2
225
80
100
Power dissipation
PD
Unit
V
V
A
mA
mA
Storage temperature range
TSTG
150
-55 ~ +150
Junction temperature
TJ
°C
°C
mW
100
Thermal resistance junction to ambient
DC blocking voltage
Non-repetitive peak reverse voltage
RθJA
°C/W
Non-repetitive peak forward surge current @ t=8.3ms
1250
Mechanical data
- Case: Molded plastic SOD-723.
- Mounting position: Any
- Polarity: Indicated by cathode band.
Features
- Small surface mounting type.
- High reliability with high surge current
.
handling capability.
- High speed.
Dimensions in inches and (millimeter)
SOD-723
0.043(1.10)
0.035(0.90)
0.008(0.20)
0.059(1.50)
0.051(1.30)
0.026(0.65)
0.022(0.55)
0.023(0.58)
0.020(0.515)
0.026(0.65)
0.021(0.525)
0.006(0.15)
0.003(0.08)
0.003(0.07)
0.000(0.01)
0.014(0.35)
0.010(0.25)
REF.


Similar Part No. - CDSP400-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSP400-G COMCHIP-CDSP400-G Datasheet
52Kb / 2P
SMD Switching Diode
More results

Similar Description - CDSP400-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-21-G COMCHIP-CDSH3-21-G Datasheet
56Kb / 2P
SMD Switching Diodes
1SS400-G COMCHIP-1SS400-G_12 Datasheet
102Kb / 4P
SMD Switching Diodes
CDSH3-4448 COMCHIP-CDSH3-4448 Datasheet
69Kb / 2P
SMD Switching Diodes
CDST19-G COMCHIP-CDST19-G_12 Datasheet
73Kb / 2P
SMD Switching Diodes
CDST-19-G COMCHIP-CDST-19-G Datasheet
375Kb / 4P
SMD Switching Diodes
CDSH3-4448-G COMCHIP-CDSH3-4448-G Datasheet
69Kb / 2P
SMD Switching Diodes
CDSH3-4448-G COMCHIP-CDSH3-4448-G_15 Datasheet
69Kb / 2P
SMD Switching Diodes
BAS521-HF COMCHIP-BAS521-HF Datasheet
526Kb / 4P
SMD Switching Diodes
1SS355-HF COMCHIP-1SS355-HF Datasheet
494Kb / 4P
SMD Switching Diodes
REV:A
1SS400-HF COMCHIP-1SS400-HF Datasheet
505Kb / 5P
SMD Switching Diodes
REV:C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com