Electronic Components Datasheet Search
  English  ▼

X  

CDSZC01100-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSZC01100-HF
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSZC01100-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDSZC01100-HF Datasheet HTML 1Page - Comchip Technology CDSZC01100-HF Datasheet HTML 2Page - Comchip Technology CDSZC01100-HF Datasheet HTML 3Page - Comchip Technology CDSZC01100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
QW-G0034
REV:C
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Features
- Designed for mounting on ultra small surface.
- Extremely thin/leadless package.
- High Speed.
- High mounting capability, strong surge
withstand, high reliability.
- Low capacitance.
A
mA
mA
2
100
300
IO
IFM
IFSM
°C
°C
+150
+150
TSTG
TJ
Storage temperature range
Operating temperature range
Average forward current
Repetitive peak forward current
Parameter
Symbol
Unit
Non-repetitive peak forward surge current
V
100
VRRM
Repetitive peak reverse voltage
V
80
VR
Reverse voltage
mW
200
PD
Power dissipation
Min
Typ
Max
Conditions
Tp=1.0µs
SMD Switching Diode
-55
-40
Circuit Diagram
Mechanical data
- Case: 0201/DFN0603 package,
molded plastic.
- Terminals: Gold plated, solderable per
method 2026.
MIL-STD-750,
- Polarity: Color band denotes cathode end.
- Mounting position: Any
- Weight: 0.0004 grams(approx.).
IO = 100 mA
VR = 80 Volts
CDSZC01100-HF
RoHS Device
Halogen Free
Maximum Rating (at TA=25°C unless otherwise noted)
0201/DFN0603
0.007(0.175)
0.013(0.340)
0.011(0.275)
0.026(0.67)
0.022(0.57)
0.015(0.37)
0.011(0.27)
0.002(0.06)
REF.
0.017(0.435)
0.014(0.365)
0.002(0.04)
REF.
0.007(0.175)
0.004(0.105)
0.011(0.275)
Dimensions in inches and (millimeter)
0.008(0.205)
0.004(0.105)


Similar Part No. - CDSZC01100-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSZ01100-HF COMCHIP-CDSZ01100-HF Datasheet
112Kb / 4P
SMD Switching Diode
More results

Similar Description - CDSZC01100-HF

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com