Electronic Components Datasheet Search
  English  ▼

X  

SC1101 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1101
Description  Asynchronous Voltage Mode PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1101 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1101 Datasheet HTML 1Page - Semtech Corporation SC1101 Datasheet HTML 2Page - Semtech Corporation SC1101 Datasheet HTML 3Page - Semtech Corporation SC1101 Datasheet HTML 4Page - Semtech Corporation SC1101 Datasheet HTML 5Page - Semtech Corporation SC1101 Datasheet HTML 6Page - Semtech Corporation SC1101 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1101
Careful attention to layout requirements are necessary
for successful implementation of the SC1101 PWM
controller. High currents switching at 200kHz are present
in the application and their effect on ground plane volt-
age differentials must be understood and minimized.
1). The high power parts of the circuit should be laid out
first. A ground plane should be used, the number and
position of ground plane interruptions should be such as
to not unnecessarily compromise ground plane integrity.
Isolated or semi-isolated areas of the ground plane may
be deliberately introduced to constrain ground currents
to particular areas, for example the input capacitor and
bottom Schottky ground.
2). The loop formed by the Input Capacitor(s) (Cin), the
Top FET (Q1) and the Schottky (D1) must be kept as small
as possible. This loop contains all the high current, fast
transition switching. Connections should be as wide and
as short as possible to minimize loop inductance. Mini-
mizing this loop area will reduce EMI, lower ground injec-
tion currents, resulting in electrically “cleaner” grounds
for the rest of the system and minimize source ringing,
resulting in more reliable gate switching signals.
3). The connection between the junction of Q1, D1 and
the output inductor should be a wide trace or copper
region. It should be as short as practical. Since this con-
nection has fast voltage transitions, keeping this con-
nection short will minimize EMI. The connection between
the output inductor and the sense resistor should be a
wide trace or copper area, there are no fast voltage or
current transitions in this connection and length is not
so important, however adding unnecessary impedance
will reduce efficiency.
4) The Output Capacitor(s) (Cout) should be located as
close to the load as possible, fast transient load cur-
rents are supplied by Cout only, and connections between
Cout and the load must be short, wide copper areas to
minimize inductance and resistance.
5) The SC1101 is best placed over an isolated ground
plane area. GND and PGND should be returned to this
isolated ground. This isolated ground area should be con-
nected to the main ground by a trace that runs from the
GND pin to the ground side of (one of) the output
capacitor(s). If this is not possible, the GND pin may be
connected to the ground path between the Output
Capacitor(s) and the Cin, Q1, D1 loop. Under no circum-
stances should GND be returned to a ground inside the
Cin, Q1, D1 loop.
6) Vcc for the SC1101 should be supplied from the 5V
supply through a 10
Ω resistor, the Vcc pin should be
decoupled directly to GND by a 0.1µF ceramic capacitor,
trace lengths should be as short as possible.
7) The Current Sense resistor and the divider across it
should form as small a loop as possible, the traces run-
ning back to CS(+) and CS(-) on the SC1101 should run
parallel and close to each other.
8) To minimize noise pickup at the sensitive FB pin, the
feedback resistors should both be close to the SC1101
with the bottom resistor (Rb) returned to ground at the
GND pin.
Under Voltage Lockout
The under voltage lockout circuit of the SC1101 assures
that the high-side MOSFET driver outputs remain in the
off state whenever the supply voltage drops below set
parameters. Lockout occurs if V
CC falls below 3.8V. Nor-
mal operation resumes once V
CC
rises above 3.8V.
Layout Guidelines
Applications Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com