Electronic Components Datasheet Search
  English  ▼

X  

LMV341 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV341
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV341 Datasheet(HTML) 3 Page - Texas Instruments

  LMV341 Datasheet HTML 1Page - Texas Instruments LMV341 Datasheet HTML 2Page - Texas Instruments LMV341 Datasheet HTML 3Page - Texas Instruments LMV341 Datasheet HTML 4Page - Texas Instruments LMV341 Datasheet HTML 5Page - Texas Instruments LMV341 Datasheet HTML 6Page - Texas Instruments LMV341 Datasheet HTML 7Page - Texas Instruments LMV341 Datasheet HTML 8Page - Texas Instruments LMV341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ELECTRICAL CHARACTERISTICS
LMV341-Q1
LMV344-Q1
www.ti.com.............................................................................................................................................................. SGLS342C – JULY 2006 – REVISED JUNE 2009
V+ = 2.7 V, GND = 0 V, VIC = VO = V+/2, RL > 1 MΩ (unless otherwise noted)
LMV341
LMV344
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
25°C
0.25
4
0.25
4
VIO
Input offset voltage
mV
Full range
4.5
4.5
Average temperature
α
VIO
coefficient of input
Full range
1.7
1.7
µV/°C
offset voltage
25°C
1
120
1
120
pA
IIB
Input bias current
–40°C to 85°C
250
250
–40°C to 125°C
3
3
nA
IIO
Input offset current
25°C
6.6
6.6
fA
0
≤ VICR ≤ 1.7 V
25°C
40
80
56
80
Common-mode
CMRR
dB
rejection ratio
0
≤ VICR ≤ 1.6 V
Full range
36
50
25°C
45
82
65
82
Supply-voltage
kSVR
2.7 V
≤ V+ ≤ 5 V
dB
rejection ratio
Full range
60
60
Common-mode input
–0.2
–0.2
VICR
CMRR
≥ 50 dB
25°C
0
1.7
0
1.7
V
voltage range
to 1.9
to 1.9
25°C
73
113
78
113
RL = 10 kΩ to 1.35 V
Full range
66
70
Large-signal voltage
AV
dB
gain(2)
25°C
70
103
72
103
RL = 2 kΩ to 1.35 V
Full range
63
64
25°C
24
60
24
60
Low level
Full range
95
95
RL = 2 kΩ to 1.35 V
25°C
26
60
26
60
High level
Output swing
Full range
95
95
VO
(delta from supply
mV
25°C
5
30
5
30
rails)
Low level
Full range
40
40
RL = 10 kΩ to 1.35 V
25°C
5.3
30
5.3
30
High level
Full range
40
40
25°C
100
170
100
170
Supply current
ICC
µA
(per channel)
Full range
230
230
Sourcing
20
32
18
24
Output short- circuit
IOS
25°C
mA
current
Sinking
15
24
15
24
SR
Slew rate
RL = 10 kΩ
(3)
25°C
1
1
V/
µs
GBM
Unity-gain bandwidth
RL = 10 kΩ, CL = 200 pF
25°C
1
1
MHz
Φm
Phase margin
RL = 100 kΩ
25°C
72
72
deg
Gm
Gain margin
RL = 100 kΩ
25°C
20
20
dB
Equivalent input noise
Vn
f = 1 kHz
25°C
40
40
nV/
√Hz
voltage
Equivalent input noise
In
f = 1 kHz
25°C
0.001
0.001
pA/
√Hz
current
Total harmonic
f = 1 kHz, AV = 1,
THD
25°C
0.017
0.017
%
distortion
RL = 600 Ω, VI = 1 VPP
(1)
Typical values represent the most likely parametric norm.
(2)
GND + 0.2 V
≤ VO ≤ V+ – 0.2 V
(3)
Connected as voltage follower with 2-VPP step input. Number specified is the slower of the positive and negative slew rates.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): LMV341-Q1 LMV344-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com