Electronic Components Datasheet Search
  English  ▼

X  

INA851 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA851
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA851 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA851 Datasheet HTML 12Page - Texas Instruments INA851 Datasheet HTML 13Page - Texas Instruments INA851 Datasheet HTML 14Page - Texas Instruments INA851 Datasheet HTML 15Page - Texas Instruments INA851 Datasheet HTML 16Page - Texas Instruments INA851 Datasheet HTML 17Page - Texas Instruments INA851 Datasheet HTML 18Page - Texas Instruments INA851 Datasheet HTML 19Page - Texas Instruments INA851 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15V, VICM = VREF = 0V, RL = 10kΩ connected to ground, and G =1V/V (unless otherwise noted)
Time ( s)
-1
0
1
2
3
4
5
6
-100
-75
-50
-25
0
25
50
75
100
G = 0.5V/V
Figure 6-49. Small-Signal Step Response
Time ( s)
-1
0
1
2
3
4
5
6
-100
-75
-50
-25
0
25
50
75
100
G = 1V/V
Figure 6-50. Small-Signal Step Response
Time ( s)
-1
0
1
2
3
4
5
6
-120
-90
-60
-30
0
30
60
90
120
G = 2V/V
Figure 6-51. Small-Signal Step Response
Time ( s)
-1
0
1
2
3
4
5
6
-160
-120
-80
-40
0
40
80
120
160
G = 4V/V
Figure 6-52. Small-Signal Step Response
Time ( s)
-1
0
1
2
3
4
5
6
-120
-90
-60
-30
0
30
60
90
120
G = 8V/V
Figure 6-53. Small-Signal Step Response
Time ( s)
-1
0
1
2
3
4
5
6
-100
-75
-50
-25
0
25
50
75
100
G = 16V/V
Figure 6-54. Small-Signal Step Response
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com