Electronic Components Datasheet Search
  English  ▼

X  

INA819 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA819
Description  PGA849 Low-Noise, Wide-Bandwidth, Precision Programmable Gain Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA819 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA819 Datasheet HTML 19Page - Texas Instruments INA819 Datasheet HTML 20Page - Texas Instruments INA819 Datasheet HTML 21Page - Texas Instruments INA819 Datasheet HTML 22Page - Texas Instruments INA819 Datasheet HTML 23Page - Texas Instruments INA819 Datasheet HTML 24Page - Texas Instruments INA819 Datasheet HTML 25Page - Texas Instruments INA819 Datasheet HTML 26Page - Texas Instruments INA819 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The PGA849 is a monolithic, high-voltage, high-bandwidth, precision programmable gain instrumentation
amplifier with a single-ended output. The PGA849 combines a high-speed current-feedback input stage with
an internally matched gain resistor network, followed by a four-resistor, differential amplifier output stage. The
PGA849 is equipped with eight binary-gain settings, from 0.125V/V to 16V/V, using three digital gain-selection
pins: A0, A1, and A2.
The PGA849 is designed to work with applications such as factory automation and control, analog input
modules, data acquisition, test and measurement, and semiconductor test.
8.1.1 Linear Operating Input Range
The linear operating input voltage range of the PGA849 input circuitry extends within 3V (maximum) of the
negative power supply to 2.5V (maximum) of the positive power supply, and maintains excellent common-mode
rejection throughout this range at all temperatures. The linear operating input common-mode range is a function
of the input common-mode voltage, input differential voltage, gain, and output common-mode voltage.
The valid common-mode range to enable valid output voltage at no load condition are shown in Figure 8-1 to
Figure 8-4.
VREF = 0V
G = 0.125V/V
Figure 8-1. Input Common-Mode Voltage vs Output
Voltage
VREF = 0V
G = 1V/V
Figure 8-2. Input Common-Mode Voltage vs Output
Voltage
www.ti.com
PGA849
SBOSAG3A – MARCH 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: PGA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com