Electronic Components Datasheet Search
  English  ▼

X  

HV7022X-C Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV7022X-C
Description  34-Channel Symmetric Row Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7022X-C Datasheet(HTML) 2 Page - Supertex, Inc

  HV7022X-C Datasheet HTML 1Page - Supertex, Inc HV7022X-C Datasheet HTML 2Page - Supertex, Inc HV7022X-C Datasheet HTML 3Page - Supertex, Inc HV7022X-C Datasheet HTML 4Page - Supertex, Inc HV7022X-C Datasheet HTML 5Page - Supertex, Inc HV7022X-C Datasheet HTML 6Page - Supertex, Inc HV7022X-C Datasheet HTML 7Page - Supertex, Inc HV7022X-C Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics
(over recommended operating conditions of V
DD = 12V, TA = 25°C and VPP = 230V unless otherwise noted)
Symbol
Parameter
Min
Max
Units
Conditions
I
DD
V
DD supply current
10
mA
f
CLK = 4MHz
IPP
High voltage supply current
4
mA
1 Output high1
100
µA
All Outputs low or High-Z
750
µA
All Outputs low or High-Z
(125°C)
I
DDQ
Quiescent V
DD supply current
100
µA
All V
IN = GND or VDD
VOH
High-level output
HVOUT
195
V
IO= -70mA (-50mA)
2
Data out
11
V
IO= -500µA
V
OL
Low-level output
HV
OUT
30
V
I
O= 70mA (+50mA)
2
Data out
1
V
IO= 500µA
IIH
High-level logic input current
1
µAVIH = 12V
I
IL
Low-level logic input current
-1
µAVIL = 0V
Notes:
1. The total number of ON outputs times the duty cycle must not exceed the allowable package power disspation.
2. Over military temperature range (-55°C to 125°C).
DC Characteristics
Symbol
Parameter
Min
Max
Units
Conditions
fCLK
Clock frequency
4
MHz
tW
Pulse duration clock high or low
125
ns
tSUD
Data set-up time before falling clock
100
ns
tHD
Data hold time after falling clock
100
ns
tSUC
Setup time clock low before VPP↑ or GND↓
300
ns
tSUE
Setup time enable high before VPP↑ or GND↓
300
ns
tSUP
Setup time polarity high or low before VPP↑ or GND↓
300
ns
tHC
Hold time clock high after VPP↑ or GND↓
500
ns
tHE
Hold time enable high after VPP↑ or GND↓
300
ns
tHP
Hold time polarity high or low after VPP↑ or GND↓
300
ns
tDHL
Delay time high to low level output from clock
150
ns
CL = 10pF
t DLH
Delay time low to high level output from clock
200
ns
CL = 10pF
tTHL
Transition time high to low level serial output
200
ns
CL = 15pF
tTLH
Transition time low to high level serial output
100
ns
CL = 15pF
tONH
High level turn-on time Q outputs from enable
500
ns
IO = -50 mA,VOH =195V
R
L = 2 kΩ to 95V
t
ONL
Low level turn-on time Q outputs from enable
500
ns
I
O = 50 mA,VOH =130V
RL = 2 kΩ to 30V
tOFFH
High level turn-off time Q outputs from enable
1000
ns
IO = -50 mA,VOH =195V
RL = 2 kΩ to 95V
tOFFL
Low level turn-off time Q outputs from enable
500
ns
IO = 50 mA,VOH =130V
R
L = 2 kΩ to 30V
Slew rate, V
PP or GND
45
V/µs
With one active output
driving a 4.7 nF load to
VPP or GND
AC Characteristics (V
DD = 12V, TC = 25°C)
HV7022-C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com