Electronic Components Datasheet Search
  English  ▼

X  

SC1102 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1102
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1102 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1102_06 Datasheet HTML 4Page - Semtech Corporation SC1102_06 Datasheet HTML 5Page - Semtech Corporation SC1102_06 Datasheet HTML 6Page - Semtech Corporation SC1102_06 Datasheet HTML 7Page - Semtech Corporation SC1102_06 Datasheet HTML 8Page - Semtech Corporation SC1102_06 Datasheet HTML 9Page - Semtech Corporation SC1102_06 Datasheet HTML 10Page - Semtech Corporation SC1102_06 Datasheet HTML 11Page - Semtech Corporation SC1102_06 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1102/SC1102A
Typical Characteristics (Cont.)
Hiccup Mode
Ch1: Vin
Ch2: Vss
Ch3: Top Gate
Ch4: Vout
Vin = 5V
Vout = 3.3V
Vbst = 12V
Iout = S.C.
Iout = S.C.
Iout = S.C.
Iout = S.C.
Iout = S.C.
Ch1: Vin
Ch2: Vss
Ch3: Top Gate
Ch4: Vout
Vin = 5V
Vout = 3.3V
Iout = 2A
Vbst = 12V
Start Up Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com