Electronic Components Datasheet Search
  English  ▼

X  

SMB5342B Datasheet(PDF) 2 Page - Anova Technologies CO., LTD.

Part # SMB5342B
Description  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SMB5342B Datasheet(HTML) 2 Page - Anova Technologies CO., LTD.

  SMB5342B Datasheet HTML 1Page - Anova Technologies CO., LTD. SMB5342B Datasheet HTML 2Page - Anova Technologies CO., LTD. SMB5342B Datasheet HTML 3Page - Anova Technologies CO., LTD. SMB5342B Datasheet HTML 4Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMB5338B-SMB5388B
www.anova-semi.com
Revision: E
Nov-07-2018
P. 2
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Fig. 1 - Power Temperature Derating Curve
Fig. 2 - Temperature Coefficients v.s. Zener Voltage
Fig. 3 - Pulse Waveform
Fig. 4 - Maximum Surge Power
0.0
1.0
2.0
3.0
4.0
5.0
0
25
50
75
100
125
150
175
200
Lead Temperature ,TL (℃)
1
10
100
1000
0
20
40
60
80
100 120 140 160 180 200
Zener Voltage, Vz, (V)
Range
1
10
100
1
10
100
1000
Pulse Width, PW, (ms)
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 °C
Pulse Width (td) is defined as the
point where the peak current
decays to 50 % of Ipp
10/1000 μsec. Waveform
as defined by R.E.A.
Peak Value
(Ipp)
Half Value = Ipp
2
td
Tr=10μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com