Electronic Components Datasheet Search
  English  ▼

X  

SC420IMLTR Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC420IMLTR
Description  High Speed, Combi-SenseTM, Synchronous Power MOSFET Driver for Mobile Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC420IMLTR Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC420IMLTR Datasheet HTML 4Page - Semtech Corporation SC420IMLTR Datasheet HTML 5Page - Semtech Corporation SC420IMLTR Datasheet HTML 6Page - Semtech Corporation SC420IMLTR Datasheet HTML 7Page - Semtech Corporation SC420IMLTR Datasheet HTML 8Page - Semtech Corporation SC420IMLTR Datasheet HTML 9Page - Semtech Corporation SC420IMLTR Datasheet HTML 10Page - Semtech Corporation SC420IMLTR Datasheet HTML 11Page - Semtech Corporation SC420IMLTR Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
© 2003 Semtech Corp.
POWER MANAGEMENT
SC420
United States Patent No. 6,441,597
www.semtech.com
Start-up Sequencing
Proper sequencing of the Combi-SenseTM Controller and
SC420 driver during both start-up and shut-down is very
important. In general, the design must ensure that the
driver powers up (during start-up) before the controller
does, and that the driver powers down last during shut-
down. This ensures that the driver will never puts out
gate drive pulses which are not well-controlled, a situation
that can lead to MOSFET damage.
In general it is recommended that the Vcc’s for the Combi-
SenseTM Controller and SC420 be connected to the same
(5V) supply. If the EN controls are not used (tied high)
then the UVLO settings for the controller and driver will
guarantee the proper sequencing (the SC420 maximum
UVLO value is guaranteed to be lower than the Combi-
SenseTM Controller minimum UVLO value).
For absolute guarantee of proper sequencing it is rec-
ommended that the EN controls be used as shown in
the following block diagram. With this arrangement the
delayed PWRGD signal from the VccVID regulator is
used to enable both ICs. The Soft-Start time established
for the controller ensures it will come up well after the
SC420.
During
power-down
de-assertion
of
VID_PWRGD will ensure simultaneous disabling of the
Combi-SenseTM Controller and SC420.
VccVID Regulator
SYS_PWRGD
VR_ON
V3
SC1403
VID_PWRGD
CO
V5
SC400
EN
SC420
EN
Vcc-CORE
VccPWRGD
Applications Information (Cont.)
Detailed information on manufacturing and rework
of PCBs using the MLP package can be found in
the MLP application note “Comprehensive User’s
Guide - Micro Lead Frame Package” dated April
2002.
Please contact your local Semtech
representative to obtain a copy of this application
note.
Manufacturing Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com