Electronic Components Datasheet Search
  English  ▼

X  

SC4508 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4508
Description  Buck or Buck-Boost(Inverting) Current Mode Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4508 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4508 Datasheet HTML 1Page - Semtech Corporation SC4508 Datasheet HTML 2Page - Semtech Corporation SC4508 Datasheet HTML 3Page - Semtech Corporation SC4508 Datasheet HTML 4Page - Semtech Corporation SC4508 Datasheet HTML 5Page - Semtech Corporation SC4508 Datasheet HTML 6Page - Semtech Corporation SC4508 Datasheet HTML 7Page - Semtech Corporation SC4508 Datasheet HTML 8Page - Semtech Corporation SC4508 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4508
Pin Descriptions
Notes:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices.
(2) Lead free product. This product is fully WEEE and
RoHS compliant.
E
C
I
V
E
DE
G
A
K
C
A
PT
(
e
g
n
a
R
.
p
m
e
T
J)
T
R
T
L
M
I
8
0
5
4
C
S
)
2
(
2
1
-
Q
P
L
M
)
1
(
C
°
0
5
1
o
t
C
°
0
4
-
Ordering Information
Pin Configuration
TOP VIEW
(MLPQ-12 4x4)
1
OUT
2
CS
3
SS/SHDN
9
FB+
8
FB-
7
PGND
4
VREF
5
NC
6
AGND
12
VDD
11
10
OSC
COMP
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1T
U
O
.
D
N
G
P
o
t
D
D
V
m
o
r
f
s
g
n
i
w
s
T
U
O
.
T
E
F
S
O
M
-
P
l
a
n
r
e
t
x
e
r
o
f
t
u
p
t
u
o
r
e
v
ir
d
e
t
a
G
2S
C
.
S
C
d
n
a
D
D
V
n
e
e
w
t
e
b
r
o
t
s
i
s
e
r
e
s
n
e
s
t
n
e
r
r
u
c
a
t
c
e
n
n
o
C
.
n
i
p
t
u
p
n
i
e
s
n
e
s
t
n
e
r
r
u
C
3N
D
H
S
/
S
S
p
u
p
m
a
r
e
h
T
.
D
N
G
A
d
n
a
n
i
p
s
i
h
t
n
e
e
w
t
e
b
r
o
ti
c
a
p
a
c
l
a
n
r
e
t
x
e
n
a
s
t
c
e
n
n
o
C
.
n
i
p
t
r
a
t
s
tf
o
S
d
e
ll
u
p
s
i
N
D
H
S
/
S
S
V
n
e
h
w
n
w
o
d
t
u
h
s
o
t
n
i
s
e
o
g
e
c
i
v
e
d
e
h
T
.r
o
ti
c
a
p
a
c
e
h
t
y
b
d
e
n
if
e
d
s
i
e
m
it
.
V
5
2
.
0
w
o
l
e
b
4F
E
R
V
c
i
m
a
r
e
c
F
u
1
.
0
a
h
ti
w
s
s
a
p
y
B
.
A
m
1
o
t
p
u
e
c
r
u
o
s
n
a
c
F
E
R
V
.t
u
p
t
u
o
e
c
n
e
r
e
f
e
r
V
5
2
.
1
.
D
N
G
A
o
t
F
E
R
V
m
o
r
f
r
o
ti
c
a
p
a
c
5C
N.
n
o
it
c
e
n
n
o
c
o
N
6D
N
G
A.
d
n
u
o
r
g
g
o
l
a
n
A
7D
N
G
P.
d
n
u
o
r
g
r
e
w
o
P
8-
B
F.t
u
p
n
i
g
n
it
r
e
v
n
i
r
e
if
il
p
m
a
r
o
r
r
E
9+
B
F.t
u
p
n
i
g
n
it
r
e
v
n
i-
n
o
n
r
e
if
il
p
m
a
r
o
r
r
E
0
1P
M
O
C
p
o
o
l
t
c
e
n
n
o
C
.r
e
if
il
p
m
a
r
o
r
r
e
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
t
l
a
n
r
e
t
n
i
e
h
t
r
o
f
n
i
p
n
o
it
a
s
n
e
p
m
o
C
.
D
N
G
A
o
t
P
M
O
C
m
o
r
f
k
r
o
w
t
e
n
n
o
it
a
s
n
e
p
m
o
c
1
1C
S
O
e
h
t
t
e
s
o
t
D
N
G
A
o
t
C
S
O
m
o
r
f
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
a
t
c
e
n
n
o
C
.t
u
p
n
i
t
e
s
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
O
e
h
t
t
e
s
o
t
n
o
it
a
u
q
e
e
s
U
.
z
H
M
5
.
1
o
t
z
H
K
0
0
1
m
o
r
f
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
o
l
a
n
r
e
t
n
i
.
D
N
G
A
o
t
C
S
O
m
o
r
f
r
o
ti
c
a
p
a
c
e
h
t
s
i
C
.
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
o
2
1D
D
V
.
D
N
G
P
o
t
D
D
V
m
o
r
f
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
u
1
a
s
s
a
p
y
B
.
e
g
a
tl
o
v
y
l
p
p
u
S
-L
A
M
R
E
H
T
D
A
P
d
e
t
c
e
n
n
o
c
t
o
N
.
s
a
i
v
e
l
p
it
l
u
m
g
n
i
s
u
e
n
a
l
p
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
s
e
s
o
p
r
u
p
g
n
i
k
n
i
s
t
a
e
h
r
o
f
d
a
P
.
y
ll
a
n
r
e
t
n
i
65
.
0
C
A
100
f
•
µ
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com