Electronic Components Datasheet Search
  English  ▼

X  

SC1302A Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1302A
Description  Dual High Speed Low-Side MOSFET Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1302A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1302A Datasheet HTML 2Page - Semtech Corporation SC1302A Datasheet HTML 3Page - Semtech Corporation SC1302A Datasheet HTML 4Page - Semtech Corporation SC1302A Datasheet HTML 5Page - Semtech Corporation SC1302A Datasheet HTML 6Page - Semtech Corporation SC1302A Datasheet HTML 7Page - Semtech Corporation SC1302A Datasheet HTML 8Page - Semtech Corporation SC1302A Datasheet HTML 9Page - Semtech Corporation SC1302A Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
 2005 Semtech Corp.
www.semtech.com
SC1302A/B/C/D/E/F
PRELIMINARY
POWER MANAGEMENT
Applications Information
The SC1302A/B/C/D/E/F is a high speed, high peak
current dual MOSFET driver. It is designed to drive power
MOSFETs with ultra-low rise/fall time and propagation
delays. As the switching frequency of PWM controllers is
increased to reduce power converters volume and cost,
fast rise and fall times are necessary to minimize switching
losses. While discrete solution can achieve reasonable
drive capability, implementing delay and other
housekeeping functions necessary for safe operation can
become cumbersome and costly. The SC1032A/B/C/
D/E/F presents a total solution for the high-speed, high
power density applications. Wide input supply range of
4.5V - 16.5V allows use in battery powered applications
as well as distributed power systems.
Supply Bypass and Layout
A 4.7µF to 10µF tantalum bypass capacitor with low ESR
(equivalent series resistance) and an additional 0.1µF
ceramic capacitor in parallel are recommended as supply
bypass to control switching and supply transients.
As with any high speed, high current circuit, proper layout
is critical in achieving optimum performance of the
SC1302A/B/C/D/E/F. Attention should be paid to the
proper placement of the driver, the switching MOSFET
and the bypass capacitors.
The driver should be placed as close as possible to the
external MOSFETs to eliminate the possibility of
oscillation caused by trace inductance and the MOSFET
gate capacitance. A resistor in the range of 10W could be
used in series with the gate drive to damp the ringing if
the drive output path is not short enough. The bypass
capacitors should also be placed closely between Vcc and
GND of the driver. A Schottky diode may be used to
connect the ground and the output pin to avoid latch-
ups in some applications.
Drive Capability and Power Dissipation
The SC1302A/B/C/D/E/F is able to deliver 1.6A peak
current for driving capacitive loads, such as MOSFETs.
Fast switching of the MOSFETs significantly reduces
switching losses for high frequency applications. Thermal
stress is reduced and system reliability is improved.
For simplicity, we assume that the gate capacitance of a
MOSFET is constant. The power delivered from the power
supply can be estimated based on this simplification. The
energy needed to charge the capacitor is given by:
2
ON
V
C
2
1
E
⋅
⋅
=
where C is the load capacitance and V is the output
voltage swing of the driver.
During turn off, the same amount of energy is dumped to
the ground. Therefore, the energy dissipated in one
switching cycle is:
The power dissipation due to the gate driving actions is
given by:
2
GATE
V
C
f
P
⋅
⋅
=
where, f is the switching frequency.
with V
CC= 12V, C = 1nF and f = 200kHz, the power
dissipation per output is:
() ( ) ( )
mW
29
12
nF
1
kHz
200
P
2
GATE
=
⋅
⋅
=
The corresponding supply current is:
mA
4
.
2
V
12
mW
29
V
P
I
CC
GATE
=
=
=
Thermal Information
The driver’s junction temperature must be kept within the
rated limit at any time. The application system has to
effectively remove the heat generated in the driver in order
for proper functions and performance. If the junction
temperature reaches 150oC, the internal protection
circuit will be triggered to shut down the gate driver.
The power dissipation of the SC1302A/B/C/D/E/F should
be derated according to the following formula:
where T
A
= ambient temperature.
2
TOTAL
V
C
E
⋅
=
jA
T
C
125
n
Dissipatio
Power
A
θ
−
°
<



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com