Electronic Components Datasheet Search
  English  ▼

X  

SC1175TSTRT Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC1175TSTRT
Description  Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1175TSTRT Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC1175TSTRT Datasheet HTML 15Page - Semtech Corporation SC1175TSTRT Datasheet HTML 16Page - Semtech Corporation SC1175TSTRT Datasheet HTML 17Page - Semtech Corporation SC1175TSTRT Datasheet HTML 18Page - Semtech Corporation SC1175TSTRT Datasheet HTML 19Page - Semtech Corporation SC1175TSTRT Datasheet HTML 20Page - Semtech Corporation SC1175TSTRT Datasheet HTML 21Page - Semtech Corporation SC1175TSTRT Datasheet HTML 22Page - Semtech Corporation SC1175TSTRT Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
 2004 Semtech Corp.
www.semtech.com
SC1175
POWER MANAGEMENT
Outline Drawing - TSSOP-20
L
(L1)
c
01
GAGE
PLANE
SEE DETAIL
DETAIL
A
A
0.25
.026 BSC
.252 BSC
20
.004
.169
.251
.173
.255
.007
-
20
0.10
0.65 BSC
6.40 BSC
4.40
6.50
-
.177
.259
4.30
6.40
.012 0.19
4.50
6.60
0.30
bxN
2X N/2 TIPS
SEATING
aaa C
E/2
INDICATOR
PIN 1
2X
1
3
2
N
E1
bbb
C A-B D
ccc C
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
3.
OR GATE BURRS.
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
-B-
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
(.039)
.004
.008
-
.024
-
-
-
-
0°
.018
.003
.031
.002
-
8°
0°
0.20
0.10
-
8°
0.45
0.09
0.80
0.05
.030
.007
.047
.042
.006
-
(1.0)
0.60
-
0.75
0.20
-
-
-
1.20
1.05
0.15
A
B
C
D
e
e/2
H
PLANE
D
E
A1
A2 A
REFERENCE JEDEC STD MO-153, VARIATION AC.
4.
INCHES
b
N
ccc
aaa
bbb
01
E1
E
L
L1
e
D
c
A2
A1
DIM
A
MIN
MAX
MILLIMETERS
MIN
DIMENSIONS
NOM MAX
NOM
(.222)
(5.65)
Z
G
Y
P
(C)
4.10
.161
0.65
.026
0.40
.016
1.55
.061
7.20
.283
X
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
G
MILLIMETERS
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
Land Pattern - TSSOP-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com