Electronic Components Datasheet Search
  English  ▼

X  

HV57009 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV57009
Description  64-Channel Serial to Parallel Converter with P-Channel Open Drain Controllable Output Current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV57009 Datasheet(HTML) 6 Page - Supertex, Inc

  HV57009 Datasheet HTML 1Page - Supertex, Inc HV57009 Datasheet HTML 2Page - Supertex, Inc HV57009 Datasheet HTML 3Page - Supertex, Inc HV57009 Datasheet HTML 4Page - Supertex, Inc HV57009 Datasheet HTML 5Page - Supertex, Inc HV57009 Datasheet HTML 6Page - Supertex, Inc HV57009 Datasheet HTML 7Page - Supertex, Inc HV57009 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV57009
Typical Current Programing Circuits
+IN
-IN
RD*10KΩ
CD*390pF
HV57009
Logic
To other
outputs
- +
0.1µF
VREF
IOUT
HVOUT
VDD
0.1µF
VBP
IREF
REXT
+IN
-IN
RD*10KΩ
CD*390pF
HV57009
Logic
To other
outputs
-+
VSS
Figure 1b: Positive Control
Figure 1a: Negative Control
VREF
IOUT
HVOUT
VDD
VBP
IREF
REXT
VSS
*Required if R
EXT > 10KΩ or REXT is replaced by a constant current source.
Since I
OUT = IREF =
Therefore:
If I
OUT = 2.0mA and VREF = -5.0V → REXT = 2.5KΩ.
If I
OUT = 1.0mA and REXT = 1.0KΩ → VREF = -1.0V.
If R
EXT >10KΩ, add series network RD and CD to ground for
stability as shown.
This control method behaves linearly as long as the opera-
tional amplifier is not saturated. However, it requires a nega-
tive power source and needs to provide a current I
REF = IOUT
for each HV570 chip being controlled.
If HV
OUT ≥ +1.0V, the HVOUT cascode may no longer oper-
ate as a perfect current source, and the output current will
diminish. This effect depends on the magnitude of the output
current.
Given I
OUT and VREF, the REXT can be calculated by using:
R
EXT =
=
The intersection of a set of I
OUT and VREF values can be lo-
cated in the graph shown below. The value picked for R
EXT
must always be in the shaded area for linear operation. This
control method has the advantage that V
REF is positive, and
draws only leakage current. If R
EXT > 10KΩ, add series net-
work R
D and CD to ground for stability as shown.
Note:
Lower reference current I
REF, results in higher distortion,
∆I
CS, on the output.
‌ V
REF ‌
R
EXT
HV570 I
OUT
vs. V
REF
0
1
2
3
4
012
345
VREF (Volts)
0.5K
0.1K
0.2K
1K
2K
3K
5K
V
REF
I
REF
V
REF
I
OUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com