Electronic Components Datasheet Search
  English  ▼

X  

VP0535 Datasheet(PDF) 3 Page - Supertex, Inc

Part # VP0535
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP0535 Datasheet(HTML) 3 Page - Supertex, Inc

  VP0535 Datasheet HTML 1Page - Supertex, Inc VP0535 Datasheet HTML 2Page - Supertex, Inc VP0535 Datasheet HTML 3Page - Supertex, Inc VP0535 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7-239
9
7
Typical Performance Curves
VP0535/VP0540
Output Characteristics
0
-10
-20
-30
-50
-40
Saturation Characteristics
0-2
-4
-6
-10
-8
Maximum Rated Safe Operating Area
-1
-1000
-100
-10
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
Transconductance vs. Drain Current
100
Power Dissipation vs. Case Temperature
0
150
100
50
125
75
25
-0.2
TO-39
TO-92
TO-39
PD = 3.5W
TC = 25°C
10
0.001
0.01
0.1
1.0
TO-92(DC)
TO-39 (pulsed)
TO-39(DC)
TA = -55°C
VDS = -25V
TA = 25°C
TA = 150°C
0
-0.3
-0.15
VGS = -10V
-8V
VGS = -10V
-4V
-8V
-6V
0
0
50
0
-1.0
-0.1
-0.01
-0.001
5
4
3
2
1
0
-6V
-0.1
-0.3
-0.5
-0.4
-0.1
-0.2
-4V
0
TC = 25°C
VDS (volts)
VDS (volts)
ID (amperes)
TC (°C)
VDS (volts)
tp (seconds)
TO-92
PD = 1W
TC = 25°C
– OBSOLETE
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com