Electronic Components Datasheet Search
  English  ▼

X  

VP0300L Datasheet(PDF) 2 Page - Supertex, Inc

Part # VP0300L
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP0300L Datasheet(HTML) 2 Page - Supertex, Inc

  VP0300L Datasheet HTML 1Page - Supertex, Inc VP0300L Datasheet HTML 2Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7-228
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
R
gen
0V
-10V
VP0300
Thermal Characteristics
Package
ID (continuous)*
ID (pulsed)
Power Dissipation
θja
θjc
T
C = 25°C
°C/W
°C/W
TO-92
-0.32A
-0.87A
1.0W
170
125
* I
D (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
Drain-to-Source Breakdown Voltage
-30
V
V
GS= 0V, ID =-10µA
VGS(th)
Gate Threshold Voltage
-1.0
-1.8
-4.5
V
VGS = VDS, ID = -1mA
IGSS
Gate Body Leakage
-100
nA
VGS = ±30V, VDS = 0V
I
DSS
Zero Gate Voltage Drain Current
-10
V
GS = 0V, VDS = -25V
-500
µAVGS = 0V, VDS = -25V
T
A = 125°C
ID(ON)
ON-State Drain Current
-1.5
-1.7
A
VGS = -12V, VDS = -10V
RDS(ON)
Static Drain-to-SourceON-State Resistance
2.5
Ω
VGS = -12V, ID = -1A
G
FS
Forward Transconductance
200
m
V
DS = -10V, ID = -0.5A
CISS
Input Capacitance
150
COSS
Common Source Output Capacitance
120
pF
C
RSS
Reverse Transfer Capacitance
60
t(ON)
Turn-ON Time
30
ns
t
(OFF)
Turn-OFF Time
30
V
SD
Diode Forward Voltage Drop
-1.2
V
V
GS = 0V, ISD = -1.5A
Notes
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
V
GS = 0V, VDS = -15V
f = 1MHz
V
DD = -25V, ID = -1A
R
GEN = 25Ω
Switching Waveforms and Test Circuit
– OBSOLETE
–



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com