Electronic Components Datasheet Search
  English  ▼

X  

LR645N3 Datasheet(PDF) 6 Page - Supertex, Inc

Part # LR645N3
Description  High Input Voltage SMPS Start-up / Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR645N3 Datasheet(HTML) 6 Page - Supertex, Inc

  LR645N3 Datasheet HTML 1Page - Supertex, Inc LR645N3 Datasheet HTML 2Page - Supertex, Inc LR645N3 Datasheet HTML 3Page - Supertex, Inc LR645N3 Datasheet HTML 4Page - Supertex, Inc LR645N3 Datasheet HTML 5Page - Supertex, Inc LR645N3 Datasheet HTML 6Page - Supertex, Inc LR645N3 Datasheet HTML 7Page - Supertex, Inc LR645N3 Datasheet HTML 8Page - Supertex, Inc LR645N3 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
LR645
8-Lead SOIC (Narrow Body) Package Outline (LG/TG)
4.9x3.9mm body, 1.75mm height (max), 1.27mm pitch
1
8
Seating
Plane
Gauge
Plane
L
L1
L2
E
E1
D
e
b
A
A2
A1
Seating
Plane
A
A
Top View
Side View
View B
View B
θ1
θ
Note 1
(Index Area
D/2 x E1/2)
View A-A
h
h
Note 1
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
θ
θ1
Dimension
(mm)
MIN
1.35
0.10
1.25
0.31
4.80
5.80
3.80
1.27
BSC
0.25
0.40
1.04
REF
0.25
BSC
0O
5O
NOM
----
4.90
6.00
3.90
-
-
-
-
MAX
1.75
0.25
1.50
0.51
5.00
6.20
4.00
0.50
1.27
8O
15O
JEDEC Registration MS-012, Variation AA, Issue E, Sept. 2005.
Drawings not to scale.
Note 1:
This chamfer feature is optional. If it is not present, then a Pin 1 identifier must be located in the index area indicated.The Pin 1 identifier may be either a
mold, or an embedded metal or marked feature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com