Electronic Components Datasheet Search
  English  ▼

X  

SR036 Datasheet(PDF) 2 Page - Supertex, Inc

Part # SR036
Description  Inductorless, Dual Output Off-Line Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

SR036 Datasheet(HTML) 2 Page - Supertex, Inc

  SR036 Datasheet HTML 1Page - Supertex, Inc SR036 Datasheet HTML 2Page - Supertex, Inc SR036 Datasheet HTML 3Page - Supertex, Inc SR036 Datasheet HTML 4Page - Supertex, Inc SR036 Datasheet HTML 5Page - Supertex, Inc SR036 Datasheet HTML 6Page - Supertex, Inc SR036 Datasheet HTML 7Page - Supertex, Inc SR036 Datasheet HTML 8Page - Supertex, Inc SR036 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
SR036/SR037
B092005
Absolute Maximum Ratings*
V
IN, High Voltage Input
+700V
V
OUT, Low Voltage Output
+6.0V
Storage Temperature
-65°C to +150°C
Soldering Temperature
+300°C
Power Dissipation, MSOP-8
300mW
Power Dissipation, SO-8 slug
1.50W1
* All voltages are referenced to GND.
1. When underside plate soldered to 2cm2 of exposed copper.
*Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to device ground.
Ordering Information
V
T
U
O
s
n
o
i
t
p
O
e
g
a
k
c
a
P
8
-
P
O
S
M
g
u
l
S
t
a
e
H
/
w
8
-
O
S
V
3
.
3*
G
M
6
3
0
R
SG
S
6
3
0
R
S
V
0
.
5*
G
M
7
3
0
R
SG
S
7
3
0
R
S
.l
e
e
r
e
p
a
t
r
e
i
r
r
a
c
e
c
e
i
p
0
0
5
2
n
o
d
e
il
p
p
u
s
t
c
u
d
o
r
P
*
Pin Configuration
SO-8 Slug
Make no electrical connections
to Backside Plate
(top view)
1
2
3
4
8
7
6
5
HVIN
Gate
N/C
Source
N/C
VOUT
GND
N/C
MSOP-8
(top view)
1
2
3
4
8
7
6
5
HVIN
Gate
N/C
Source
N/C
VOUT
GND
N/C
Electrical Characteristics
(Over operating supply voltages unless otherwise specified, T
A=0°C to +125°C)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
V
H
N
I
e
g
a
t
l
o
v
t
u
p
n
I
0
0
7
V
e
g
a
t
l
o
v
t
n
e
i
s
n
a
r
t
k
a
e
P
7
0
4e
g
a
t
l
o
v
C
A
d
e
i
f
i
t
c
e
r
k
a
e
P
V
H
T
V
H
N
I
d
n
u
o
r
g
o
t
d
e
ll
u
p
s
i
e
t
a
G
n
e
h
w
e
g
a
t
l
o
v0
45
40
5V
V
S
G
e
g
a
t
l
o
v
p
m
a
l
c
e
c
r
u
o
s
o
t
e
t
a
G0
1
±5
1
±0
2
±V
I
S
G
A
µ
0
0
1
±
=
V
E
T
A
G
e
g
a
t
l
o
v
p
m
a
l
c
d
n
u
o
r
g
o
t
e
t
a
G
8
10
24
2V
V
T
U
O
8
-
O
S
e
h
t
r
o
f
e
g
a
t
l
o
v
t
u
p
t
u
o
d
e
t
a
l
u
g
e
R
g
u
l
s
t
a
e
h
h
t
i
w
6
3
0
R
S7
9
.
20
3
.
33
6
.
3
V
V
E
C
R
U
O
S
V
0
1
=
7
3
0
R
S5
.
40
0
.
50
5
.
5V
E
C
R
U
O
S
V
0
1
=
∆V
T
U
O
V
T
U
O
n
o
i
t
a
l
u
g
e
r
d
a
o
l0
20
2
1V
m
V
E
C
R
U
O
S
,
V
0
1
=
I
d
a
o
L
)
1
(
A
m
0
5
o
t
0
=
q
e
r
Fy
c
n
e
u
q
e
r
f
C
A
t
u
p
n
I0
40
0
1z
H
(1) Load current on the regulated output must not cause SR03 power dissipation to exceed max ratings. Worst case power dissipation is
given by:
P
V
185k
(16V
V
I
IN
2
OUT
OUT
≈+
−
×
Ω
)
Where IOUT is the load on the regulated output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com