Electronic Components Datasheet Search
  English  ▼

X  

TP2640N3 Datasheet(PDF) 5 Page - Supertex, Inc

Part # TP2640N3
Description  P- Channel Enhancement-Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2640N3 Datasheet(HTML) 5 Page - Supertex, Inc

  TP2640N3 Datasheet HTML 1Page - Supertex, Inc TP2640N3 Datasheet HTML 2Page - Supertex, Inc TP2640N3 Datasheet HTML 3Page - Supertex, Inc TP2640N3 Datasheet HTML 4Page - Supertex, Inc TP2640N3 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
TP2635/TP2640
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
8-Lead SOIC Package Outline (LG)
45°
5° - 15°
(4 PLCS)
4.90 ± 0.10
1.27BSC
6.00 ± 0.20
3.90 ± 0.10
Notes:
1. All dimensions in millimeters. Angles in degrees.
2. If the corner is not chamfered, then a Pin 1 identifier
must be located within the area indicated.
Note 2
1.75 MAX
0.10 - 0.25
0.31 - 0.51
1.25 MIN
0.25 - 0.50
0° - 8°
0.40 - 1.27
0.17 - 0.25
Top View
Side View
End View
Note 2
1
8
3-Lead TO-92 Package Outline (N3)
1 2 3
Seating Plane
1
2
3
Front View
0.175 - 0.205
0.170 - 0.210
0.500 MIN
0.014 - 0.022
0.045 - 0.055
0.095 - 0.105
0.125 - 0.165
0.135 MIN
0.080 - 0.105
0.014 - 0.022
Side View
Bottom View
Notes:
All dimensions are in millimeters; all angles in degrees.
Doc.# DSFP-TP2635_TP2640
C032807



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com