Electronic Components Datasheet Search
  English  ▼

X  

TC2320 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TC2320
Description  N- and P-Channel Enhancement-Mode Dual MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC2320 Datasheet(HTML) 3 Page - Supertex, Inc

  TC2320 Datasheet HTML 1Page - Supertex, Inc TC2320 Datasheet HTML 2Page - Supertex, Inc TC2320 Datasheet HTML 3Page - Supertex, Inc TC2320 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TC2320
P-Channel Electrical Characteristics (@ 25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSS
Drain-to-source breakdown voltage
-200
-
-
V
V
GS = 0V, ID = -2.0mA
V
GS(th)
Gate threshold voltage
-1.0
-
-2.4
V
V
GS = VDS, ID = -1.0mA
ΔV
GS(th)
Change in V
GS(th) with temperature
-
-
4.5
mV/OCV
GS = VDS, ID = -1.0mA
I
GSS
Gate body leakage
-
-
-100
nA
V
GS = ±20V, VDS = 0V
I
DSS
Zero gate voltage drain current
-
-
-10
µA
V
GS = 0V, VDS = Max rating
-
-
-1.0
mA
V
GS = 0V, TA = 125
OC,
V
DS = 0.8 Max Rating
I
D(ON)
ON-state drain current
-0.25
-0.7
-
A
V
GS = -4.5V, VDS = -25V
-0.75
-2.1
-
V
GS = -10V, VDS = -25V
R
DS(ON)
Static drain-to-source ON-state resis-
tance
-10
15
Ω
V
GS = -4.5V, ID = -100mA
-
8.0
12
V
GS = -10V, ID = -200mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
100
-
1.7
%/OCV
GS = -10V, ID =-200mA
G
FS
Forward transconductance
-
250
-
mmho
V
DS = -25V, ID = -200mA
C
ISS
Input capacitance
-
75
125
pF
V
GS = 0V,
V
DS = -25V,
f = 1.0MHz
C
OSS
Common source output capacitance
-
20
85
C
RSS
Reverse transfer capacitance
-
10
35
t
d(ON)
Turn-ON delay time
-
-
10
ns
---
t
r
Rise time
-
-
15
t
d(OFF)
Turn-OFF delay time
-
-
20
t
f
Fall time
-
-
15
V
SD
Diode forward voltage drop
-
-
-1.8
V
V
GS = 0V, ISD = -0.5A
t
rr
Reverse recovery time
-
300
-
ns
V
GS = 0V, ISD = -0.5A
Notes:
1.All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
P- Channel Switching Waveforms and Test Circuit
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
VDD
RL
Output
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
0V
V
DD
RGEN
0V
-10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com