Electronic Components Datasheet Search
  English  ▼

X  

HT48F30E Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT48F30E
Description  I/O Flash Type MCU with EEPROM
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F30E Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT48F30E Datasheet HTML 5Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 6Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 7Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 8Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 9Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 10Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 11Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 12Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.00
9
September 10, 2007
Note:
1. For the HT48F06E, N=2, i.e. 2 levels of stack
available.
2. For the HT48F10E and HT48F30E, N=4,
i.e. 4 levels of stack available.
Arithmetic and Logic Unit
- ALU
The arithmetic-logic unit or ALU is a critical area of the
microcontroller that carries out arithmetic and logic op-
erations of the instruction set. Connected to the main
microcontroller data bus, the ALU receives related in-
struction codes and performs the required arithmetic or
logical operations after which the result will be placed in
the specified register. As these ALU calculation or oper-
ations may result in carry, borrow or other status
changes, the status register will be correspondingly up-
dated to reflect these changes. The ALU supports the
following functions:
· Arithmetic operations ADD, ADDM, ADC, ADCM,
SUB, SUBM, SBC, SBCM, DAA
· Logic operations AND, OR, XOR, ANDM, ORM,
XORM, CPL, CPLA
· Rotation RRA, RR, RRCA, RRC, RLA, RL, RLCA,
RLC
· Increment and Decrement INCA, INC, DECA, DEC
· Branch decision JMP, SZ, SZA, SNZ, SIZ, SDZ, SIZA,
SDZA, CALL, RET, RETI
Flash Program Memory
The Program Memory is the location where the user
code or program is stored. For these devices the Pro-
gram Memory is a Flash type, which means it can be
programmed and reprogrammed a large number of
times, allowing the user the convenience of code modifi-
cation using the same device. By using the appropriate
programming tools, these devices offer users the flexi-
bility to conveniently debug and develop their applica-
tions while also offering a means of field programming.
Organization
The Program Memory has a capacity of 1K by 14 or 2K
by 14 bits depending upon which device is selected. The
Program Memory is addressed by the Program Counter
and also contains data, table information and interrupt
entries. Table data, which can be setup in any location
within the Program Memory, is addressed by a separate
table pointer register.
Special Vectors
Within the Program Memory, certain locations are re-
served for special usage such as reset and interrupts.
· Location 000H
This vector is reserved for use by the device reset for
program initialisation. After a device reset is initiated, the
program will jump to this location and begin execution.
· Location 004H
This vector is used by the external interrupt. If the ex-
ternal interrupt pin on the device goes low, the pro-
gram will jump to this location and begin execution if
the external interrupt is enabled and the stack is not
full.
P r o g r a m C o u n t e r
S t a c k L e v e l 1
S t a c k L e v e l 2
S t a c k L e v e l 3
S t a c k L e v e l 4
P r o g r a m
M e m o r y
S t a c k
P o i n t e r
3 F F H
N o t I m p l e m e n t e d
1 4 b i t s
1 4 b i t s
0 1 8 H
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
7 F F H
4 0 0 H
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
T i m e r / E v e n t C o u n t e r
I n t e r r u p t V e c t o r
I n i t i a l i s a t i o n
V e c t o r
E x t e r n a l
I n t e r r u p t V e c t o r
T i m e r / E v e n t C o u n t e r
I n t e r r u p t V e c t o r
H T 4 8 F 3 0 E
H T 4 8 F 0 6 E
H T 4 8 F 1 0 E
0 1 4 H
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com