Electronic Components Datasheet Search
  English  ▼

X  

SC1566 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1566
Description  Very Low Dropout 3.0 Amp Regulator With Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1566 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1566 Datasheet HTML 1Page - Semtech Corporation SC1566 Datasheet HTML 2Page - Semtech Corporation SC1566 Datasheet HTML 3Page - Semtech Corporation SC1566 Datasheet HTML 4Page - Semtech Corporation SC1566 Datasheet HTML 5Page - Semtech Corporation SC1566 Datasheet HTML 6Page - Semtech Corporation SC1566 Datasheet HTML 7Page - Semtech Corporation SC1566 Datasheet HTML 8Page - Semtech Corporation SC1566 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
 2005 Semtech Corp.
www.semtech.com
SC1566
POWER MANAGEMENT
Notes:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) Defined as the input to output differential at which the output voltage drops to 1% below the value
measured at a differential of 0.7V.
(3) Required to maintain regulation. Voltage set resistors R1 and R2 are usually utilized to meet this
requirement. Adjustable versions only.
(4) Guaranteed by design.
(5) When V
ADJ exceeds this threshold, the “Sense Select” switch disconnects the internal feedback chain from
the error amplifier and connects V
ADJ instead.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
O
V
e
g
a
tl
o
V
t
u
o
p
o
r
D
)
2
(
)
1
(
I
O
A
5
.
1
=0
0
20
0
3V
m
0
0
4
I
O
A
3
=0
5
30
5
4V
m
0
0
6
t
n
e
r
r
u
C
d
a
o
L
m
u
m
i
n
i
M
)
3
(
I
O
V
N
I
V
=
O
V
7
.
0
+1
0
1
A
µ
ti
m
i
L
t
n
e
r
r
u
CI
L
C
0
.
3
5
.
4
5
.
6
A
J
D
A
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
)
1
(
V
F
E
R
V
N
I
V
,
V
2
.
2
=
J
D
A
V
=
T
U
O
I
,
O
A
m
0
1
=8
8
1
.
10
0
2
.
12
1
2
.
1V
6
7
1
.
14
2
2
.
1
t
n
e
r
r
u
C
n
i
P
t
s
u
j
d
A
)
4
(
I
J
D
A
V
J
D
A
V
=
F
E
R
0
1
0
0
2
A
n
d
l
o
h
s
e
r
h
T
n
i
P
t
s
u
j
d
A
)
5
(
V
)
J
D
A
(
H
T
0
1
.
0
0
2
.
0
0
4
.
0
V
N
E
t
n
e
r
r
u
C
n
i
P
e
l
b
a
n
EI
N
E
V
N
E
V
,
V
0
=
N
I
V
3
.
3
=5
.
1
0
1
A
µ
d
l
o
h
s
e
r
h
T
n
i
P
e
l
b
a
n
EV
H
I
V
N
I
V
3
.
3
=
8
.
1
V
V
L
I
V
N
I
V
3
.
3
=
4
.
0
n
o
i
t
c
e
t
o
r
P
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
l
e
v
e
l
p
ir
T
h
g
i
HT
I
H
5
7
1C
°
s
i
s
e
r
e
t
s
y
HT
T
S
Y
H
0
1C
°
Electrical Characteristics (Cont.)
Unless specified: V
EN = VIN. Adjustable Option (VADJ > VTH(ADJ)): VIN = 2.2V to 5.5V and IO = 10µA to 3A.
Fixed Options (V
ADJ = GND): VIN = (VO + 0.7V) to 5.5V and IO = 0A to 3A. Values in bold apply over the full operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com