Electronic Components Datasheet Search
  English  ▼

X  

SC1452 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1452
Description  Dual 150mA LDO Regulator with Programmable Reset
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1452_06 Datasheet HTML 4Page - Semtech Corporation SC1452_06 Datasheet HTML 5Page - Semtech Corporation SC1452_06 Datasheet HTML 6Page - Semtech Corporation SC1452_06 Datasheet HTML 7Page - Semtech Corporation SC1452_06 Datasheet HTML 8Page - Semtech Corporation SC1452_06 Datasheet HTML 9Page - Semtech Corporation SC1452_06 Datasheet HTML 10Page - Semtech Corporation SC1452_06 Datasheet HTML 11Page - Semtech Corporation SC1452_06 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
 2006 Semtech Corp.
www.semtech.com
SC1452
POWER MANAGEMENT
Applications Information (Cont.)
less than 150ms, C
DLYB can be calculated using the
equation above, or read from the chart below.
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
CDLYB (nF)
tRSTB = 150ms max.
Component Selection
Output capacitor - Semtech recommends a minimum
capacitance of 1µF at the output with an equivalent
series resistance (ESR) of < 1
Ω over temperature. The
SC1452 has been designed to be used with ceramic
capacitors, but does not have to be used with ceramic
capacitors, allowing the designer a choice. Increasing the
bulk capacitance will further reduce output noise and
improve the overall transient response.
Input capacitor - Semtech recommends the use of a 1µF
ceramic capacitor at the input. This allows for the device
being some distance from any bulk capacitance on the
rail. Additionally, input droop due to load transients is
reduced, improving overall load transient response.
Bypass capacitor - Semtech recommends the use of a
10nF ceramic capacitor to bypass the bandgap
reference. Increasing this capacitor to 100nF will
further improve power supply rejection. C
BYP may be
omitted if low noise operation is not required.
Thermal Considerations
The worst-case power dissipation for this part is given
by:
(1)
For all practical purposes, equation (1) can be reduced
to the following expression:
(2)
Looking at a typical application:
V
IN(MAX) = 4.2V
V
OUTA = 3V - 2% (worst case) = 2.94V
V
OUTB = 3.3V - 2% (worst case) = 3.234V
I
OUTA = IOUTB = 150mA
T
A = 85°C
Inserting these values into equation (2) above gives us:
Using this figure, we can calculate the maximum thermal
impedance allowable to maintain T
J ≤ 125°C:
With the standard MSOP-10 Land Pattern shown at the
end of this datasheet, and minimum trace widths, the
thermal impedance junction to ambient for SC1452 is
113°C/W. Thus no additional heatsinking is required for
the above conditions. The junction temperature can be
further reduced by using larger trace widths and
connecting pcb copper area to the GND pin (pin 3), which
connects directly to the device substrate. Lower junction
temperatures improve overall output voltage accuracy.
Layout Considerations
While layout for linear devices is generally not as critical
as for a switching application, careful attention to detail
will ensure reliable operation.
1) Attaching the part to a larger copper footprint will
enable better heat transfer from the device, especially
on PCBs where there are internal ground and power
planes.
2) Place the input, output and bypass capacitors close
to the device for optimal transient response and device
behaviour.
()
()
)
MAX
(
Q
)
MAX
(
IN
)
MAX
(
OUTB
)
MIN
(
OUTB
)
MAX
(
IN
)
MAX
(
OUTA
)
MIN
(
OUTA
)
MAX
(
IN
)
MAX
(
D
I
V
I
V
V
I
V
V
P
+
+
=
()
()
)
MAX
(
OUTB
)
MIN
(
OUTB
)
MAX
(
IN
)
MAX
(
OUTA
)
MIN
(
OUTA
)
MAX
(
IN
)
MAX
(
D
I
V
V
I
V
V
P
+
=
()
(
)
W
334
.
0
145
.
0
189
.
0
15
.
0
234
.
3
2
.
4
15
.
0
94
.
2
2
.
4
P
)
MAX
(
D
=
+
=
+
=
()
()
W
/
C
120
334
.
0
85
125
P
T
T
)
MAX
(
D
)
MAX
(
A
)
MAX
(
J
)
MAX
(
JA
°
=
=
=
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com