Electronic Components Datasheet Search
  English  ▼

X  

LM348 Datasheet(PDF) 3 Page - SYC Electronica

Part # LM348
Description  Quad 741 Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM348 Datasheet(HTML) 3 Page - SYC Electronica

  LM348 Datasheet HTML 1Page - SYC Electronica LM348 Datasheet HTML 2Page - SYC Electronica LM348 Datasheet HTML 3Page - SYC Electronica LM348 Datasheet HTML 4Page - SYC Electronica LM348 Datasheet HTML 5Page - SYC Electronica LM348 Datasheet HTML 6Page - SYC Electronica LM348 Datasheet HTML 7Page - SYC Electronica LM348 Datasheet HTML 8Page - SYC Electronica LM348 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Electrical Characteristics (Continued)
(Note 3)
Parameter
Conditions
LM148
LM248
LM348
Units
Min
Typ Max Min
Typ Max Min
Typ Max
Input Bias Current
325
500
400
nA
Large Signal Voltage Gain
V
S = ±15V, VOUT = ±10V,
25
15
15
V/mV
R
L > 2k
Ω
Output Voltage Swing
V
S = ±15V, RL =10k
Ω
±12 ±13
±12 ±13
±12 ±13
V
R
L =2k
Ω
±10 ±12
±10 ±12
±10 ±12
V
Input Voltage Range
V
S = ±15V
±12
±12
±12
V
Common-Mode Rejection
R
S
≤ 10 kΩ
70
90
70
90
70
90
dB
Ratio
Supply Voltage Rejection
R
S
≤ 10 kΩ, ±5V ≤ V
S
≤ ±15V
77
96
77
96
77
96
dB
Note 1: Any of the amplifier outputs can be shorted to ground indefinitely; however, more than one should not be simultaneously shorted as the maximum junction
temperature will be exceeded.
Note 2: The maximum power dissipation for these devices must be derated at elevated temperatures and is dicated by TJMAX, θJA, and the ambient temperature,
TA. The maximum available power dissipation at any temperature is Pd =(TJMAX −TA)/θJA or the 25˚C PDMAX, whichever is less.
Note 3: These specifications apply for VS = ±15V and over the absolute maximum operating temperature range (TL ≤ TA ≤ TH) unless otherwise noted.
Note 4: Refer to RETS 148X for LM148 military specifications.
Note 5: Human body model, 1.5 k
Ω in series with 100 pF.
Cross Talk Test Circuit V
S = ±15V
00778606
00778607
00778643



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com