Electronic Components Datasheet Search
  English  ▼

X  

LM384 Datasheet(PDF) 2 Page - SYC Electronica

Part # LM384
Description  LM384 5W Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM384 Datasheet(HTML) 2 Page - SYC Electronica

  LM384 Datasheet HTML 1Page - SYC Electronica LM384 Datasheet HTML 2Page - SYC Electronica LM384 Datasheet HTML 3Page - SYC Electronica LM384 Datasheet HTML 4Page - SYC Electronica LM384 Datasheet HTML 5Page - SYC Electronica LM384 Datasheet HTML 6Page - SYC Electronica LM384 Datasheet HTML 7Page - SYC Electronica LM384 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SNAS547C – FEBRUARY 1995 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
28V
Peak Current
1.3A
Power Dissipation(3)(4)
1.67W
Input Voltage
±0.5V
Storage Temperature
−65°C to +150°C
Operating Temperature
0°C to +70°C
Lead Temperature (Soldering, 10 sec.)
260°C
Thermal Resistance
θJC
30°C/W
θJA
79°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum junction temperature of the LM384 is 150°C.
(4)
The package is to be derated at 15°C/W junction to heat sink pins.
Electrical Characteristics
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ZIN
Input Resistance
150
k
Ω
IBIAS
Bias Current
Inputs Floating
100
nA
AV
Gain
40
50
60
V/V
POUT
Output Power
THD = 10%, RL = 8Ω
5
5.5
W
IQ
Quiescent Supply Current
8.5
25
mA
VOUT Q
Quiescent Output Voltage
11
V
BW
Bandwidth
POUT = 2W, RL = 8Ω
450
kHz
V+
Supply Voltage
12
26
V
ISC
Short Circuit Current(2)
1.3
A
PSRRRTO
Power Supply Rejection Ratio(3)
31
dB
THD
Total Harmonic Distortion
POUT = 4W, RL = 8Ω
0.25
1.0
%
(1)
V+ = 22V and TA = 25°C operating with a Staver V7 heat sink for 30 seconds.
(2)
Output is fully protected against a shorted speaker condition at all voltages up to 22V.
(3)
Rejection ratio referred to the output with CBYPASS = 5 μF, freq = 120 Hz.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM384
www.sycelectronica.com.ar
5W AUDIO POWER AMPLIFIER
LM384



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com