Electronic Components Datasheet Search
  English  ▼

X  

LM741 Datasheet(PDF) 3 Page - SYC Electronica

Part # LM741
Description  Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM741 Datasheet(HTML) 3 Page - SYC Electronica

  LM741 Datasheet HTML 1Page - SYC Electronica LM741 Datasheet HTML 2Page - SYC Electronica LM741 Datasheet HTML 3Page - SYC Electronica LM741 Datasheet HTML 4Page - SYC Electronica LM741 Datasheet HTML 5Page - SYC Electronica LM741 Datasheet HTML 6Page - SYC Electronica LM741 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics (Note 5) (Continued)
Parameter
Conditions
LM741A
LM741
LM741C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Large Signal Voltage Gain
T
A = 25˚C, RL
≥ 2kΩ
V
S = ±20V, VO = ±15V
50
V/mV
V
S = ±15V, VO = ±10V
50
200
20
200
V/mV
T
AMIN
≤ T
A
≤ T
AMAX,
R
L
≥ 2kΩ,
V
S = ±20V, VO = ±15V
32
V/mV
V
S = ±15V, VO = ±10V
25
15
V/mV
V
S = ±5V, VO = ±2V
10
V/mV
Output Voltage Swing
V
S = ±20V
R
L
≥ 10 kΩ
±16
V
R
L
≥ 2kΩ
±15
V
V
S = ±15V
R
L
≥ 10 kΩ
±12
±14
±12
±14
V
R
L
≥ 2kΩ
±10
±13
±10
±13
V
Output Short Circuit
T
A = 25˚C
10
25
35
25
25
mA
Current
T
AMIN
≤ T
A
≤ T
AMAX
10
40
mA
Common-Mode
T
AMIN
≤ T
A
≤ T
AMAX
Rejection Ratio
R
S
≤ 10 kΩ,V
CM = ±12V
70
90
70
90
dB
R
S
≤ 50Ω,V
CM = ±12V
80
95
dB
Supply Voltage Rejection
T
AMIN
≤ T
A
≤ T
AMAX,
Ratio
V
S = ±20V to VS = ±5V
R
S
≤ 50Ω
86
96
dB
R
S
≤ 10 kΩ
77
96
77
96
dB
Transient Response
T
A = 25˚C, Unity Gain
Rise Time
0.25
0.8
0.3
0.3
µs
Overshoot
6.0
20
5
5
%
Bandwidth (Note 6)
T
A = 25˚C
0.437
1.5
MHz
Slew Rate
T
A = 25˚C, Unity Gain
0.3
0.7
0.5
0.5
V/µs
Supply Current
T
A = 25˚C
1.7
2.8
1.7
2.8
mA
Power Consumption
T
A = 25˚C
V
S = ±20V
80
150
mW
V
S = ±15V
50
85
50
85
mW
LM741A
V
S = ±20V
T
A =TAMIN
165
mW
T
A =TAMAX
135
mW
LM741
V
S = ±15V
T
A =TAMIN
60
100
mW
T
A =TAMAX
45
75
mW
Note 2: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com