Electronic Components Datasheet Search
  English  ▼

X  

OP27GP Datasheet(PDF) 13 Page - SYC Electronica

Part # OP27GP
Description  Low-Noise, Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

OP27GP Datasheet(HTML) 13 Page - SYC Electronica

Back Button OP27GP Datasheet HTML 8Page - SYC Electronica OP27GP Datasheet HTML 9Page - SYC Electronica OP27GP Datasheet HTML 10Page - SYC Electronica OP27GP Datasheet HTML 11Page - SYC Electronica OP27GP Datasheet HTML 12Page - SYC Electronica OP27GP Datasheet HTML 13Page - SYC Electronica OP27GP Datasheet HTML 14Page - SYC Electronica OP27GP Datasheet HTML 15Page - SYC Electronica OP27GP Datasheet HTML 16Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
OP27
–13–
Therefore, for low-frequency applications, the OP07 is better
than the OP27/OP37 when RS > 3 k
Ω. The only exception is
when gain error is important. Figure 6 illustrates the 10 Hz
noise. As expected, the results are between the previous two
figures.
For reference, typical source resistances of some signal sources
are listed in Table I.
Table I.
Source
Device
Impedance
Comments
Strain Gauge
<500
Ω
Typically used in low-
frequency applications.
Magnetic
<1500
Ω
Low is very important to
Tapehead
reduce self-magnetization
problems when direct coupling
is used. OP27 IB can be
neglected.
Magnetic
<1500
Ω
Similar need for low IB in
Phonograph
direct coupled applications.
Cartridges
OP27 will not introduce any
self-magnetization problem.
Linear Variable
<1500
Ω
Used in rugged servo-feedback
Differential
applications. Bandwidth of
Transformer
interest is 400 Hz to 5 kHz.
Open-Loop Gain
Frequency at
OP07
OP27
OP37
3 Hz
100 dB
124 dB
125 dB
10 Hz
100 dB
120 dB
125 dB
30 Hz
90 dB
110 dB
124 dB
For further information regarding noise calculations, see “Minimization of Noise
in Op Amp Applications,” Application Note AN-15.
RS – SOURCE RESISTANCE –
10
50
10k
5
500
1k
5k
1
100
50
100
50k
OP07
5534
OP27/37
REGISTER
NOISE ONLY
OP08/108
RS1
RS2
1 RS UNMATCHED
e.g. RS = RS1 = 10k , R S2 = 0
2 RS MATCHED
e.g. RS = 10k , R S1 = RS2 = 5k
1
2
Figure 6. 10 Hz Noise vs. Source Resistance (Includes
Resistor Noise)
AUDIO APPLICATIONS
The following applications information has been abstracted
from a PMI article in the 12/20/80 issue of Electronic De-
sign magazine and updated.
Figure 7 is an example of a phono pre-amplifier circuit using the
OP27 for A1; R1-R2-C1-C2 form a very accurate RIAA net-
work with standard component values. The popular method to
accomplish RIAA phono equalization is to employ frequency-
dependent feedback around a high-quality gain block. Properly
chosen, an RC network can provide the three necessary time
constants of 3180, 318, and 75
µs.1
For initial equalization accuracy and stability, precision metal
film resistors and film capacitors of polystyrene or polypropy-
lene are recommended since they have low voltage coefficients,
dissipation factors, and dielectric absorption.4 (High-K ceramic
capacitors should be avoided here, though low-K ceramics—
such as NPO types, which have excellent dissipation factors
and somewhat lower dielectric absorption—can be considered
for small values.)
Ca
150pF
A1
OP27
Ra
47.5k
R1
97.6k
MOVING MAGNET
CARTRIDGE INPUT
R2
7.87k
R3
100
C1
0.03 F
C2
0.01 F
C3
0.47 F
R4
75k
++
C4 (2)
220 F
LF ROLLOFF
OUT
IN
OUTPUT
R5
100k
G = 1kHz GAIN
= 0.101 (
)
R1
R3
1 +
= 98.677 (39.9dB) AS SHOWN
Figure 7.
The OP27 brings a 3.2 nV/
√Hz voltage noise and 0.45 pA/√Hz
current noise to this circuit. To minimize noise from other
sources, R3 is set to a value of 100
Ω, which generates a voltage
noise of 1.3 nV/
√Hz. The noise increases the 3.2 nV/√Hz of the
amplifier by only 0.7 dB. With a 1 k
Ω source, the circuit noise
measures 63 dB below a 1 mV reference level, unweighted, in a
20 kHz noise bandwidth.
Gain (G) of the circuit at 1 kHz can be calculated by the
expression:
G
R
R
=+


0 101 1
1
3
.
For the values shown, the gain is just under 100 (or 40 dB).
Lower gains can be accommodated by increasing R3, but gains
higher than 40 dB will show more equalization errors because of
the 8 MHz gain-bandwidth of the OP27.
This circuit is capable of very low distortion over its entire range,
generally below 0.01% at levels up to 7 V rms. At 3 V output
levels, it will produce less than 0.03% total harmonic distortion
at frequencies up to 20 kHz.
Capacitor C3 and resistor R4 form a simple –6 dB-per-octave
rumble filter, with a corner at 22 Hz. As an option, the switch-
selected shunt capacitor C4, a nonpolarized electrolytic, bypasses
the low-frequency rolloff. Placing the rumble filter’s high-pass
action after the preamp has the desirable result of discriminating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com