Electronic Components Datasheet Search
  English  ▼

X  

RC4136 Datasheet(PDF) 1 Page - SYC Electronica

Part # RC4136
Description  QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

RC4136 Datasheet(HTML) 1 Page - SYC Electronica

  RC4136 Datasheet HTML 1Page - SYC Electronica RC4136 Datasheet HTML 2Page - SYC Electronica RC4136 Datasheet HTML 3Page - SYC Electronica RC4136 Datasheet HTML 4Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RC4136, RM4136, RV4136
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS072A – MARCH 1978 – REVISED JANUARY 2002
D Continuous Short-Circuit Protection
D Wide Common-Mode and Differential
Voltage Ranges
D No Frequency Compensation Required
D Low Power Consumption
D No Latch-Up
D Unity-Gain Bandwidth ...3 MHz Typ
D Gain and Phase Match Between Amplifiers
D Designed To Be Interchangeable With
Raytheon RC4136, RM4136, and RV4136
D Low Noise ...8 nV√Hz Typ at 1 kHz
description
The RC4136, RM4136, and RV4136 are quad
general-purpose operational amplifiers, with each
amplifier electrically similar to the
µA741, except
that offset null capability is not provided.
The high common-mode input voltage range and
the absence of latch-up make these amplifiers
ideal
for
voltage-follower
applications.
The
devices are short-circuit protected and the
internal frequency compensation ensures stability
without external components.
The RC4136 is characterized for operation from
0
°C to 70°C, the RM4136 is characterized for
operation over the full military temperature range
of
–55
°C to 125°C, and the RV4136 is
characterized for operation from –40
°C to 85°C.
symbol (each amplifier)
IN+
IN–
OUT
AVAILABLE OPTIONS
VIOMAX
PACKAGE
TA
VIOMAX
AT 25
°C
SMALL OUTLINE
CHIP CARRIER
CERAMIC DIP
PLASTIC DIP
FLAT
AT 25 C
(D)
(FK)
(J)
(N)
(W)
0
°C to 70°C
6 mV
RC4136D
—
—
RC4136N
—
–40
°C to 85°C
6 mV
RV4136D
—
—
RV4136N
—
–55
°C to 125°C
4 mV
—
RM4136FK
RM4136J
—
RM4136W
The D packages are available taped and reeled. Add the suffix R to the device type (e.g., RC4136DR).
The RM4136 and RV4136 are
obsolete and are no longer supplied.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1IN–
1IN+
1OUT
2OUT
2IN+
2IN–
VCC–
4IN–
4IN+
4OUT
VCC+
3OUT
3IN+
3IN–
RM4136 ...J OR W PACKAGE
ALL OTHERS ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4OUT
NC
VCC+
NC
3OUT
1OUT
NC
2OUT
NC
2IN+
RM4136 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - RC4136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4136 TI-RC4136 Datasheet
83Kb / 5P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136 Datasheet
295Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136 Datasheet
217Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI2-RC4136 Datasheet
246Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2002
RC4136D TI-RC4136D Datasheet
83Kb / 5P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Similar Description - RC4136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4136 TI-RC4136 Datasheet
83Kb / 5P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA709C TI-UA709C Datasheet
93Kb / 6P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Texas Instruments
RC4136 TI-RC4136_07 Datasheet
295Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Texas Instruments
UA741MU TI-UA741MU Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136J TI-RC4136J Datasheet
217Kb / 8P
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com