Electronic Components Datasheet Search
  English  ▼

X  

TL061 Datasheet(PDF) 4 Page - SYC Electronica

Part # TL061
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

TL061 Datasheet(HTML) 4 Page - SYC Electronica

  TL061 Datasheet HTML 1Page - SYC Electronica TL061 Datasheet HTML 2Page - SYC Electronica TL061 Datasheet HTML 3Page - SYC Electronica TL061 Datasheet HTML 4Page - SYC Electronica TL061 Datasheet HTML 5Page - SYC Electronica TL061 Datasheet HTML 6Page - SYC Electronica TL061 Datasheet HTML 7Page - SYC Electronica TL061 Datasheet HTML 8Page - SYC Electronica TL061 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TL061 - TL061A - TL061B
4/9
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
TL061AC, AI, AM
TL061BC, BI, BM
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input Offset Voltage (Rs = 50Ω)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
36
7.5
23
5
mV
DVio
Temperature Coefficient of Input Offset Voltage (Rs = 50Ω)
10
10
µV/°C
Iio
Input Offset Current - note 1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.
The input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive.
Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
5
100
3
5100
3
pA
nA
Iib
Input Bias Current -note 1
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
30
200
7
30
200
7
pA
nA
Vicm
Input Common Mode Voltage Range
±11.5
+15
-12
±11
+15
-12
V
Vopp
Output Voltage Swing (RL = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
20
20
27
20
20
27
V
Avd
Large Signal Voltage Gain
RL = 10kΩ, Vo = ±10V,
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
4
4
64
4
6
V/mV
GBP
Gain Bandwidth Product
Tamb = +25°C, RL =10kΩ, CL = 100pF
11
MHz
Ri
Input Resistance
1012
1012
Ω
CMR
Common Mode Rejection Ratio
RS = 50Ω
80
86
80
86
dB
SVR
Supply Voltage Rejection Ratio
RS = 50Ω
80
95
80
95
dB
ICC
Supply Current, no load
Tamb = +25°C, no load, no signal
200
250
200
250
µA
PD
Total Power Consumption
Tamb = +25°C, no load, no signal
6
7.5
6
7.5
mW
SR
Slew Rate
Vi = 10V, RL = 10kΩ, CL = 100pF, Av = 1
1.5
3.5
1.5
3.5
V/
µs
tr
Rise Time
Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1
0.2
0.2
µs
Kov
Overshoot Factor (see figure 1)
Vi = 20mV, RL = 10kΩ, CL = 100pF, Av = 1
10
10
%
en
Equivalent Input Noise Voltage
RS = 100Ω, f = 1KHz
42
42
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com