Electronic Components Datasheet Search
  English  ▼

X  

BCR12CM Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # BCR12CM
Description  Triac 12 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR12CM Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  BCR12CM Datasheet HTML 1Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 2Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 3Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 4Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 5Page - Powerex Power Semiconductors BCR12CM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR12CM
Triac
12 Amperes/400-600 Volts
0.6
1.4
2.2
3.0
3.8
MAXIMUM ON-STATE
CHARACTERISTICS
INSTANTANEOUS ON-STATE CURRENT, IT, (AMPERES)
10-1
100
101
102
Tj = 25
oC
Tj = 125
oC
0
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION-TO-CASE)
CYCLES AT 60 Hz
10-1
100
102
103
101
102
0.4
0.8
1.2
1.6
2.0
2.4
10-1
102
101
100
GATE CHARACTERISTICS
(I, II, III)
GATE CURRENT, IG, (mA)
102
101
103
104
VGD = 0.2V
VGM = 10V
VGT = 1.5V
IGM = 2A
PGM = 5W
PG(avg) = 0.5W
IRGT I,
IFGT I,
IRGT III
0
40
80
120
160
200
MAXIMUM SURGE CURRENT
FOLLOWING RATED LOAD CONDITIONS
CYCLES AT 60 Hz
100
101
102
0
20
40
60
80
100
120
140
160
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
4
2
6
10
8
12
16
14
FOR AC CONTROL
THIS GRAPH NEARLY
APPLIES REGARDLESS
OF THE CONDUCTION
ANGLE
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
4
2
6
10
8
12
16
14
RESISTIVE,
INDUCTIVE
LOADS
NATURAL
CONVECTION
60 x 60 x t 2.3
100 x 100 x t 2.3
120 x 120 x t 2.3
FIN: A PLATE PAINTED BLACK
WITH GREASE
CURVES APPLY REGARDLESS
OF THE CONDUCTION ANGLE
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
0.8
0.4
1.2
2.0
1.6
2.4
3.2
2.8
NATURAL CONVECTION, NO FIN
CURVES APPLY REGARDLESS
OF THE CONDUCTION ANGLE
RESISTIVE, INDUCTIVE LOADS
0
4
8
12
16
20
24
28
32
MAXIMUM ON-STATE
POWER DISSIPATION
RMS ON-STATE CURRENT, IT(RMS), (AMPERES)
0
4
2
6
10
8
12
16
14
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
GATE TRIGGER CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-60
-20
20
60
100
140
-40
0
40
80
120
101
102
103
IFGT I
IRGT I
IRGT III
T-61



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com