Electronic Components Datasheet Search
  English  ▼

X  

SC802IMLTR Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC802IMLTR
Description  Fully Integrated Lithium-Ion Battery Charger System with Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC802IMLTR Datasheet(HTML) 4 Page - Semtech Corporation

  SC802IMLTR Datasheet HTML 1Page - Semtech Corporation SC802IMLTR Datasheet HTML 2Page - Semtech Corporation SC802IMLTR Datasheet HTML 3Page - Semtech Corporation SC802IMLTR Datasheet HTML 4Page - Semtech Corporation SC802IMLTR Datasheet HTML 5Page - Semtech Corporation SC802IMLTR Datasheet HTML 6Page - Semtech Corporation SC802IMLTR Datasheet HTML 7Page - Semtech Corporation SC802IMLTR Datasheet HTML 8Page - Semtech Corporation SC802IMLTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC802/SC802A
Confidential
Confidential Proprietary
Parameter
Symbol
Conditions
25oC
T
A
(-40oC to +85oC)
Units
Min
Typ
Max
Min
Max
EN-NTC Thresholds
VT
NTCDIS
SC802 Disable
<1
0.5
1.1
V
VT
NTCH
NTC Hot Vth, VCC = 5V
1.41
1.5
1.59
1.4
1.6
V
28.2
30
31.8
28
32
%
VT
NTCC
NTC Cold Vth, VCC = 5V
3.62 3.75
3.88
3.6
3.9
V
72.4
75
77.6
72
78
%
VT
NTCEN
NTC Enable, VCC = 5V
4.22
4.5
4.58
4.2
4.6
V
84.4
90
91.6
84
92
%
VT
NTHYS
Hot/Cold Vth hysteresis
50
mV
Timer Disable Threshold
VT
TIMER
V
RTIME < VTTIMER Disables
Timer
1
0.7
1.1
V
Internal Timer Select
VT
INTTS
VCC-V
RTIME < VTINTTS
selects internal timer
1.5
V
Ext RTIME Voltage
V
RTIME
RTIME tied through 36.5k
Ω
to GND
1.5
1.4
1.6
V
Pre-Charge Fault Time-out
T
PreQF
RTIME tied through 36.5k
Ω
to GND
RTIME tied to VCC
50
45
-35%
+35%
min
Complete Charge Time-out
T
QCOMP
RTIME tied through 36.5k
Ω
to GND
RTIME tied to VCC
3.3
3
-35%
+35%
hr
CHRGB Charge LED On
V
CHRGB
Load = 5mA
0.5
1
V
CHRGB Charge LED Off
I
CHRGB
Leakage Current, V = 5V
1
µA
CPB LED On
V
CPB
Load = 5mA
0.5
1
V
CPB LED Off
I
CPB
Leakage Current, V = 5V
1
µA
BIPB, VPRGM Inputs
VIH
1.8
V
VIL
0.4
V
Unless otherwise noted: VCC = 4.75V - 5.25V
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com