Electronic Components Datasheet Search
  English  ▼

X  

BCR12PM Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # BCR12PM
Description  Isolated Triac 12 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR12PM Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  BCR12PM Datasheet HTML 1Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 2Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 3Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 4Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 5Page - Powerex Power Semiconductors BCR12PM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings, Ta = 25 °C unless otherwise specified
Ratings
Symbol
BCR12PM-8
BCR12PM-12
Units
Repetitive Peak Off-state Voltage
VDRM
400
600
Volts
Non-repetitive Peak Off-state Voltage
VDSM
500
720
Volts
On-state Current, Tc = 74°C
IT(RMS)
12
12
Amperes
Non-repetitive Peak Surge, One Cycle (60 Hz)
ITSM
120
120
Amperes
I2t for Fusing, t = 8.3 msec
I2t
60
60
A2sec
Peak Gate Power Dissipation, 20
sec
PGM
5
5
Watts
Average Gate Power Dissipation
PG(avg)
0.5
0.5
Watts
Peak Gate Current
IGM
2
2
Amperes
Peak Gate Voltage
VGM
10
10
Volts
Storage Temperature
Tstg
-40 to 125
-40 to 125
°C
Operating Temperature
Tj
-40 to 125
-40 to 125
°C
Isolation Voltage
Viso
1500
1500
Volts
Weight
–
2
2
Grams
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
BCR12PM
Isolated Triac
12 Amperes/400-600 Volts
T-64



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com