Electronic Components Datasheet Search
  English  ▼

X  

B32231 Datasheet(PDF) 5 Page - EPCOS

Part # B32231
Description  Metallized Polyester Film Capacitors (MKT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32231 Datasheet(HTML) 5 Page - EPCOS

  B32231 Datasheet HTML 1Page - EPCOS B32231 Datasheet HTML 2Page - EPCOS B32231 Datasheet HTML 3Page - EPCOS B32231 Datasheet HTML 4Page - EPCOS B32231 Datasheet HTML 5Page - EPCOS B32231 Datasheet HTML 6Page - EPCOS B32231 Datasheet HTML 7Page - EPCOS B32231 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering codes and packing units
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
M =
±20%
K =
±10%
J =
±5% (on request)
400
200
0.10
5.5
× 8.5 × 19.0 B32231D6104+000 1500
0.15
5.5
× 9.0 × 19.0 B32231D6154+000 1500
0.22
7.0
× 12.0 × 19.0 B32231D6224+000 1000
0.33
7.0
× 12.0 × 19.0 B32231D6334+000 1000
0.47
7.0
× 12.0 × 27.0 B32231D6474+000 1000
0.68
8.0
× 14.0 × 27.0 B32231D6684+000 1000
1.0
9.0
× 16.0 × 27.0 B32231D6105+000
500
1.5
10.0
× 18.0 × 32.0 B32231D6155+000
250
2.2
13.0
× 22.0 × 32.0 B32231D6225+000
250
630
200
0.10
6.0
× 11.0 × 19.0 B32231D8104+000 1000
0.15
7.5
× 12.0 × 19.0 B32231D8154+000 1000
0.22
8.0
× 13.0 × 19.0 B32231D8224+000 1000
0.33
8.0
× 13.0 × 27.0 B32231D8334+000 1000
0.47
8.0
× 14.0 × 27.0 B32231D8474+000
500
0.68
10.0
× 16.0 × 32.0 B32231D8684+000
500
1.0
13.0
× 18.0 × 32.0 B32231D8105+000
250
B32231
General purpose (wound)
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com