Electronic Components Datasheet Search
  English  ▼

X  

BCR16CM Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # BCR16CM
Description  Triac 16 Amperes/400-600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

BCR16CM Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  BCR16CM Datasheet HTML 1Page - Powerex Power Semiconductors BCR16CM Datasheet HTML 2Page - Powerex Power Semiconductors BCR16CM Datasheet HTML 3Page - Powerex Power Semiconductors BCR16CM Datasheet HTML 4Page - Powerex Power Semiconductors BCR16CM Datasheet HTML 5Page - Powerex Power Semiconductors BCR16CM Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
Triac
16 Amperes/400-600 Volts
BCR16CM
T-69
Dimensions
Inches
Millimeters
J
0.99
2.54
K
0.10
2.6
L
0.051
1.3
M
0.051
1.3
N
0.039
1.0
P
0.031
0.8
Q
0.020
0.5
Dimensions
Inches
Millimeters
A
0.63 Max.
16.0 Max.
B
0.49 Max.
12.5 Max.
C
0.41 Max.
10.5 Max.
D
0.28
7.0
E
0.18
4.5
F
0.15 Max.
3.8 Max.
G
0.142 ± 0.008 Dia. 3.6 ± 0.2 Dia.
H
0.125 ± 0.008
3.2 ± 0.2
Description:
A triac is a solid state silicon
AC switch which may be gate
triggered from an off-state to an
on-state for either polarity of
applied voltage.
Features:
□ Glass Passivation
□ Selected for Inductive Loads
Applications:
□ AC Switch
□ Heating
□ Motor Controls
□ Switch Mode Power Supply
□ Lighting
□ Solid State Relay
Ordering Information:
Example: Select the complete
eight, nine or ten digit part number
you desire from the table - i.e.
BCR16CM-8 is a 400 Volt,
16 Ampere Triac
VDRM
Inductive
Type
Volts
Code
Load*
BCR16CM
400
-8
L
600
-12
*For inductive load, add L.
Outline Drawing (Conforms to TO-220)
Œ
Ž
ŒŽ


G
D
A
H
L
E
K
M
N
J
J
P
B
F
E
C
Œ T1 TERMINAL
 T2 TERMINAL
Ž GATE
 T2 TERMINAL
CONNECTION DIAGRAM
OUTLINE DRAWING


Similar Part No. - BCR16CM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR16CM MITSUBISHI-BCR16CM Datasheet
92Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR16CM RENESAS-BCR16CM Datasheet
190Kb / 12P
MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
BCR16CM-12LA RENESAS-BCR16CM-12LA Datasheet
114Kb / 7P
Triac Medium Power Use
BCR16CM-12LA-A8 RENESAS-BCR16CM-12LA-A8 Datasheet
114Kb / 7P
Triac Medium Power Use
BCR16CM-12LB RENESAS-BCR16CM-12LB Datasheet
126Kb / 8P
Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results

Similar Description - BCR16CM

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
BCR10CM POWEREX-BCR10CM Datasheet
80Kb / 6P
Triac 10 Amperes/400-600 Volts
BCR10PM POWEREX-BCR10PM Datasheet
82Kb / 6P
Isolated Triac 10 Amperes/400-600 Volts
BCR12CM POWEREX-BCR12CM Datasheet
80Kb / 6P
Triac 12 Amperes/400-600 Volts
BCR12PM POWEREX-BCR12PM Datasheet
84Kb / 6P
Isolated Triac 12 Amperes/400-600 Volts
BCR16PM POWEREX-BCR16PM Datasheet
73Kb / 4P
Isolated Triac 16 Amperes/400-600 Volts
BCR3AM POWEREX-BCR3AM Datasheet
70Kb / 4P
Triac 3 Amperes/400-600 Volts
BCR5AM POWEREX-BCR5AM Datasheet
80Kb / 6P
Triac 5 Amperes/400-600 Volts
BCR6AM POWEREX-BCR6AM Datasheet
79Kb / 6P
Triac 6 Amperes/400-600 Volts
BCR8CM POWEREX-BCR8CM Datasheet
79Kb / 6P
Triac 8 Amperes/400-600 Volts
BCR8PM POWEREX-BCR8PM Datasheet
83Kb / 6P
Triac 8 Amperes/400-600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com