Electronic Components Datasheet Search
  English  ▼

X  

AMS1508CM Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1508CM
Description  8A LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1508CM Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1508CM Datasheet HTML 1Page - Advanced Monolithic Systems AMS1508CM Datasheet HTML 2Page - Advanced Monolithic Systems AMS1508CM Datasheet HTML 3Page - Advanced Monolithic Systems AMS1508CM Datasheet HTML 4Page - Advanced Monolithic Systems AMS1508CM Datasheet HTML 5Page - Advanced Monolithic Systems AMS1508CM Datasheet HTML 6Page - Advanced Monolithic Systems AMS1508CM Datasheet HTML 7Page - Advanced Monolithic Systems AMS1508CM Datasheet HTML 8Page - Advanced Monolithic Systems AMS1508CM Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced
AMS1508
Monolithic
8A LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Adjustable or Fixed Output
• High Current Regulators
1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 8A
• Microprocessor Supply
• Low Dropout, 500mV at 8A Output Current
• Adjustable Power Supply
• Fast Transient Response
• Notebook/Personal Computer Supplies
• Remote Sense
GENERAL DESCRIPTION
The AMS1508 series of adjustable and fixed low dropout voltage regulators are designed to provide 8A output current to
power the new generation of microprocessors. The dropout voltage of the device is 100mV at light loads and rising to 500mV
at maximum output current. A second low current input voltage 1V or greater then the output voltage is required to achieve
this dropout. The AMS1508 can also be used as a single supply device.
New features have been added to the AMS1508: a remote Sense pin is brought out virtually eliminating output voltage
variations due to load changes. The typical load regulation, measured at the Sense pin, for a load current step of 100mA to 8A
is less than 1mV.
The AMS1508 series has fast transient response. The Adjust pin is brought out on fixed devices. To further improve the
transient response the addition of a small capacitor on the Adjust pin is recommended.
The AMS1508 series are ideal for generating processor supplies of 2V to 3V on motherboards where both 5V and 3.3V
supplies are available.
The AMS1508 devices are offered in 5 lead TO-220 and TO-263 (plastic DD) packages and in the 7 lead TO-220 package.
ORDERING INFORMATION:
PIN CONNECTIONS
PACKAGE TYPE
OPERATING JUNCTION
5 LEAD TO-263
5 LEAD TO-220
7 LEAD TO-220 TEMPERATURE RANGE
AMS1508CM
AMS1508CT
AMS1508CT-1.5
0 to 125
° C
AMS1508CM-1.5
AMS1508CT-1.5
AMS1508CT-2.5
0 to 125
° C
AMS1508CM-2.5
AMS1508CT-2.5
AMS1508CT-2.85
0 to 125
° C
AMS1508CM-2.85 AMS1508CT-2.85 AMS1508CT-3.0
0 to 125
° C
AMS1508CM-3.0
AMS1508CT-3.0
AMS1508CT-3.3
0 to 125
° C
AMS1508CM-3.3
AMS1508CT-3.3
AMS1508CT-3.5
0 to 125
° C
AMS1508CM-3.5
AMS1508CT-3.5
AMS1508CT-5.0
0 to 125
° C
AMS1508CM-5.0
AMS1508CT-5.0
0 to 125
° C
7
6
5
4
3
2
1
NC
Vpower
ADJUST
OUTPUT
Vcontrol
GND
SENSE
7 LEAD TO-220
FRONT VIEW
5
4
3
2
1
Vpower
Vcontrol
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-263
5
4
3
2
1
V
POWER
V
CONTROL
OUTPUT
ADJUST/GND
SENSE
FRONT VIEW
5 LEAD TO-220
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS1508CM

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1508CM ADMOS-AMS1508CM Datasheet
76Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CM-15 ADMOS-AMS1508CM-15 Datasheet
76Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CM-25 ADMOS-AMS1508CM-25 Datasheet
76Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CM-285 ADMOS-AMS1508CM-285 Datasheet
76Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508CM-30 ADMOS-AMS1508CM-30 Datasheet
76Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1508CM

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
Advanced Monolithic Sys...
AMS1083 ADMOS-AMS1083 Datasheet
71Kb / 8P
8A LOW DROPOUT VOLTAGE REGULATOR
AMS1508 ADMOS-AMS1508 Datasheet
76Kb / 9P
8A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1584 SIPEX-SPX1584 Datasheet
242Kb / 5P
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1083 ADMOS-AMS1083_05 Datasheet
69Kb / 8P
8A LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com