Electronic Components Datasheet Search
  English  ▼

X  

TRSF3232ECDBR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TRSF3232ECDBR
Description  TRSF3232E 3V TO 5.5V Two-Channel RS-232 1Mbit/s Line Driver and Receiver with ±15kV IEC ESD Protection in Small Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3232ECDBR Datasheet(HTML) 2 Page - Texas Instruments

  TRSF3232ECDBR Datasheet HTML 1Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 2Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 3Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 4Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 5Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 6Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 7Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 8Page - Texas Instruments TRSF3232ECDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 ESD Protection, Driver................................................4
5.4 ESD Protection, Receiver........................................... 4
5.5 Recommended Operating Conditions.........................5
5.6 Thermal Information....................................................5
5.7 Electrical Characteristics.............................................5
5.8 Electrical Characteristics, Driver................................. 6
5.9 Electrical Characteristics, Receiver............................ 6
5.10 Switching Characteristics, Driver.............................. 7
5.11 Switching Characteristics, Reveiver..........................7
5.12 Typical Characteristics.............................................. 8
6 Parameter Measurement Information............................ 9
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................10
7.4 Device Functional Modes..........................................11
8 Application and Implementation.................................. 12
8.1 Application Information............................................. 12
8.2 Typical Application.................................................... 12
8.3 Power Supply Recommendations.............................13
8.4 Layout....................................................................... 13
9 Device and Documentation Support............................15
9.1 Receiving Notification of Documentation Updates....15
9.2 Support Resources................................................... 15
9.3 Trademarks...............................................................15
9.4 Electrostatic Discharge Caution................................15
9.5 Glossary....................................................................15
10 Revision History.......................................................... 15
11 Mechanical, Packaging, and Orderable
Information.................................................................... 16
TRSF3232E
SLLS825C – AUGUST 2007 – REVISED DECEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TRSF3232E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com