Electronic Components Datasheet Search
  English  ▼

X  

101 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 101
Description  100/101, 200/201, 300/301 Threaded Diaphragm Seal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

101 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  101 Datasheet HTML 1Page - Ashcroft, Inc. 101 Datasheet HTML 2Page - Ashcroft, Inc. 101 Datasheet HTML 3Page - Ashcroft, Inc. 101 Datasheet HTML 4Page - Ashcroft, Inc. 101 Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
100/101, 200/201, 300/301 Threaded Diaphragm Seal
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks and Gold ServiceSM is a service mark of Ashcroft Inc. The following
non-Ashcroft trademarks are the property of their respective owners: Carpenter 20®, Monel®, Hastelloy®, Viton®,
Duplex 2507®, Inconel®, Calflo®, Kalrez® and Neobee®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 100-200-300_thread_seal_ds_RevL_09-09-24
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
10
2
01
S
S
02T
XCK
NH
Process Connection Size
25 - ¼ NPT Female
50 - ½ NPT Female
75 - 3⁄4 NPT Female
10 - 1 NPT Female
10
15 - 1½ NPT Female
02 - ¼ NPT Male
04 - ½ NPT Male
06 - 3⁄4 NPT Male
08 - 1 NPT Male
SA - ¼ ˝ Socket weld
SB - ½ ˝ Socket weld
SC - 3⁄4 ˝ Socket weld
SD - 1 ˝ Socket weld
Diaphragm Type
1 - 100 series capsule diaphragm threaded into top housing
2 - 200 series diaphragm welded (metallic) or bonded (elastomeric) to top housing
2
3 - 300 series elastomeric diaphragm clamped between top and lower housing
Flushing Port
00 - No flushing port
01 - Flushing port in lower housing
01
Diaphragm Materials (See Table 1 on page 2)
S - 316L Stainless steel
S
Bottom Housing Materials (See Table 2 on page 2)
S - 316L Stainless steel
S
Instrument Connection Size
02T - ¼ NPT Female instrument connection
02T
04T - ½ NPT Female instrument connection
Options (if choosing an option(s) must include an “X”)
X__
Fill Fluid (for seals attached to instruments) (See Table 3 on page 3 for more available fill fluids)
CK - 50 cSt Silicone
CK
Optional Features (for more options, see table 4 on page 5)
NH - Stainless steel instrument tag
NH
When selecting an instrument, refer to the Seal Pressure & Temperature Guide for compatibility with this diaphragm seal or scan the QR code to the right.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com